Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP502CF Datasheet(PDF) 32 Page - Sipex Corporation

Part # SP502CF
Description  Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP502CF Datasheet(HTML) 32 Page - Sipex Corporation

Back Button SP502CF Datasheet HTML 24Page - Sipex Corporation SP502CF Datasheet HTML 25Page - Sipex Corporation SP502CF Datasheet HTML 26Page - Sipex Corporation SP502CF Datasheet HTML 27Page - Sipex Corporation SP502CF Datasheet HTML 28Page - Sipex Corporation SP502CF Datasheet HTML 29Page - Sipex Corporation SP502CF Datasheet HTML 30Page - Sipex Corporation SP502CF Datasheet HTML 31Page - Sipex Corporation SP502CF Datasheet HTML 32Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
Rev. 7/21/03
SP502 Multi-Mode Serial Transceiver
© Copyright 2003 Sipex Corporation
32
ORDERING INFORMATION
Model
Temperature Range
Package Types
SP502CF ............................................... 0°C to +70°C ............................ 80–pin JEDEC (MS-022 BC) MQFP
SP502CM .............................................. 0°C to +70°C ........................... 80-pin JEDEC (MS-026 BEC) LQFP
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com