Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503CF Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP503CF
Description  Multiprotocol Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503CF Datasheet(HTML) 3 Page - Sipex Corporation

  SP503CF Datasheet HTML 1Page - Sipex Corporation SP503CF Datasheet HTML 2Page - Sipex Corporation SP503CF Datasheet HTML 3Page - Sipex Corporation SP503CF Datasheet HTML 4Page - Sipex Corporation SP503CF Datasheet HTML 5Page - Sipex Corporation SP503CF Datasheet HTML 6Page - Sipex Corporation SP503CF Datasheet HTML 7Page - Sipex Corporation SP503CF Datasheet HTML 8Page - Sipex Corporation SP503CF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
Date: 7/29/04
SP503 Multiprotocol Transceiver
© Copyright 2004 Sipex Corporation
ELECTRICAL CHARACTERISTICS
T
MIN to TMAX @ Vcc = +5V ±5% unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
V.35 RECEIVER
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts
Input
Receiver Sensitivity
±0.2
Volts
Input Impedance
90
100
110
Ω
With termination network
in Figure 6.
Short Circuit Impedance
135
150
165
Ω
With termination network
in Figure 6.
Maximum Transmission Rate
5
Mbps
Propagation Delay
t
PHL
200
ns
t
PLH
200
ns
RS-422 DRIVER
TTL Input Levels
V
IL
0.8
Volts
V
IH
2.0
Volts
Outputs
Differential Output
±2.0
±5.0
Volts
R
L=100Ω
Open Circuit Voltage,V
O
±6.0
Volts
Balance
±0.4
Volts
|V
T| – |VT|
Offset
+3.0
Volts
Short Circuit Current
±150
mA
V
OUT=0V
Power Off Current
±100
µAV
cc = 0V, Vout = ±0.25V
Transition Time
60
ns
Rise/fall time, 10%-90%
Maximum Transmission Rate
5
Mbps
R
L=100Ω
Propagation Delay
t
PHL
200
ns
R
L=100Ω
t
PLH
200
ns
R
L=100Ω
RS-422 RECEIVER
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts
Input
HIGH Threshold
+0.2
+6.0
Volts
(a)-(b)
LOW Threshold
–6.0
–0.2
Volts
(a)-(b)
Common Mode Range
–7.0
+7.0
Volts
HIGH Input Current
Refer to graph
LOW Input Current
Refer to graph
Receiver Sensitivity
±0.2
Volts
V
CM=+7V to -7V
Input Impedance
4
kΩ
V
CM=+10V to -10V
Maximum Transmission Rate
5
Mbps
Propagation Delay
t
PHL
200
ns
t
PLH
200
ns
RS-232 DRIVER
TTL Input Level
V
IL
0.8
Volts
V
IH
2.0
Volts
Outputs
HIGH Level Output
+5.0
+15
Volts
R
L=3kΩ, VIN=0.8V, Vcc = 5V
LOW Level Output
–15.0
–5.0
Volts
R
L=3kΩ, VIN=2.0V, Vcc = 5V
Open Circuit Voltage
–15
+15
Volts
Short Circuit Current
±100
mA
V
OUT=0V
Power Off Impedance
300
Ω
V
cc = 0V, Vout = ±2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com