Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP503CF Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP503CF
Description  Multiprotocol Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP503CF Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP503CF Datasheet HTML 2Page - Sipex Corporation SP503CF Datasheet HTML 3Page - Sipex Corporation SP503CF Datasheet HTML 4Page - Sipex Corporation SP503CF Datasheet HTML 5Page - Sipex Corporation SP503CF Datasheet HTML 6Page - Sipex Corporation SP503CF Datasheet HTML 7Page - Sipex Corporation SP503CF Datasheet HTML 8Page - Sipex Corporation SP503CF Datasheet HTML 9Page - Sipex Corporation SP503CF Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Date: 7/29/04
SP503 Multiprotocol Transceiver
© Copyright 2004 Sipex Corporation
6
OTHER AC CHARACTERISTICS
(Typical @ 25°C and nominal supply voltages unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DELAY TIME FROM ENABLE MODE TO TRI–STATE MODE
SINGLE–ENDED MODE (RS-232, RS-423)
t
PZL; Enable to Output LOW
190
ns
3kΩ pull–up to output
t
PZH; Enable to Output HIGH
130
ns
3kΩ pull–down to output
t
PLZ; Disable from Output LOW
270
ns
5V to input
t
PHZ; Disable from Output HIGH
400
ns
GND to input
DIFFERENTIAL MODE (RS-422, RS-485, V.35)
t
PZL; Enable to Output LOW
100
ns
3kΩ pull–up to output
t
PZH; Enable to Output HIGH
100
ns
3kΩ pull–down to output
t
PLZ; Disable from Output LOW
130
ns
5V to input
t
PHZ; Disable from Output HIGH
140
ns
GND to input
Notes:
1.
Measured from 2.5V of R
IN to 2.5V of ROUT.
2.
Measured from one–half of R
IN to 2.5V of ROUT.
3.
Measured from 1.5V of T
IN to one–half of TOUT.
4.
Measured from 2.5V of R
O to 0V of A and B.
PINOUT…
RxD 1
RDEC0 2
RDEC1 3
RDEC2 4
RDEC3 5
TTEN 6
SCTEN 7
VCC 8
TDEC3 9
TDEC2 10
TDEC1 11
TDEC0 12
DTR 13
TxD 14
TxC 15
RTS 16
RL 17
NC 18
DCD 19
RxC 20
60 GND
59 SD(b)
58 TR(a)
57 GND
56 TR(b)
55 VCC
54 RS(a)
53 GND
52 RS(b)
51 LL(a)
50 GND
49 LL(b)
48 VCC
47 RL(a)
46 GND
45 RL(b)
44 ST(b)
43 GND
42 ST(a)
41 VCC
SP503
PIN ASSIGNMENTS…
CLOCK AND DATA GROUP
Pin 1 — RxD — Receive Data; TTL output,
sourced from RD(a) and RD(b) inputs.
Pin 14 — TxD — TTL input ; transmit data
source for SD(a) and SD(b) outputs.
Pin 15 — TxC — Transmit Clock; TTL input for
TT driver outputs.
Pin 20 — RxC — Receive Clock; TTL output
sourced from RT(a) and RT(b) inputs.
Pin 22 — ST — Send Timing; TTL input; source
for ST(a) and ST(b) outputs.
Pin 37 — RT(a) — Receive Timing; analog
input, inverted; source for RxC.
Pin 38 — RT(b) — Receive Timing; analog
input, non-inverted; source for RxC.
Pin 42 — ST(a) — Send Timing; analog output,
inverted; sourced from ST.
Pin 44 — ST(b) — Send Timing; analog output,
non-inverted; sourced from ST.
Pin 59 — SD(b) — Analog Out — Send data,
non-inverted; sourced from TxD.
Pin 61 — SD(a) — Analog Out — Send data,
inverted; sourced from TxD.
Pin 63 — TT(a) — Analog Out — Terminal
Timing, inverted; sourced from TxC
Pin 65 — TT(b) — Analog Out — Terminal
Timing, non–inverted; sourced from TxC.
Pin 70 — RD(a) — Receive Data, analog input;
inverted; source for RxD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com