Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2E Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MCSO2E
Description  CMOS Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MCSO2E Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MCSO2E Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
32kHz
<10MHz
10 ~ 20MHz
>20 ~ 100MHz
300μA
2mA
3mA
15mA
1mA
4mA
5mA
20mA
2mA
6mA
7mA
30mA
17 Dec 2015
Open
‘1’ level
‘0’ level
Enabled
Enabled
High Impedance
Option
Codes
MCSO2E
Product
Parameters
CMOS Oscillator -55+210°C
Product name + option codes + frequency
eg: MCSO2E/DE 10.0MHz 5V ±300ppm -55 to +175°C Enable / disable
For frequencies 20.0MHz add an 'H' to the product name
eg: MCSO2EHW/G 32.0MHz 2.5V ±400ppm -55 to +210°C no E/D
Option code X (eg MCSO2E/X) denotes a custom specification.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Packed in trays (128pcs/tray), or T&R 250 ~ 1,000pcs / reel
A 47nF ceramic capacitor must be connected between GND and V
DD
Features
Suitable for Avionics, Down-hole, Geothermal etc
Extreme temperature ranges up to 210°C
High stability & low ageing under extremes
High shock & vibration resistance
Low current consumption
* Frequency stability is inclusive of calibration @ 25°C, operating temperature range, sup-
ply voltage change, load change and ageing (1 year).
Enable / Disable Function
Input (pad 1)
Output (pad 3)
2011/65/EU
MCSO2E
Supply current
Freq / Supply
2.5V
3.3V
5.0V
Maximum values, no load.
Specifications
MCSO2E:  32.0kHz ~ 20.0MHz
MCSO2EH:  20.0 ~ 100MHz
Frequency range:32.0kHz ~ 100MHz
Supply voltage (V
DD):
+5.0V (±5%)
+3.3V (±5%)
V
+2.5V (±5%)
W
Frequency stability (max)*:
±300ppm over -55 to +175°C
D
±400ppm over -55 to +210°C
G
Storage temperature range:
-55 to +125°C
Supply current:
See table
Driving ability:
CMOS
Load:
3pF min, 47pF max
Logic levels:
‘0’ level = +0.4V max
‘1’ level = V
DD-0.5V min
Start up time:
5ms max
Waveform symmetry:
40:60 max @ 50%V
DD
Rise / fall times:
7ns max ≤20MHz
3ns max >20MHz
150ns max@ 32.768kHz
Enable / disable function:
None (pad 1 NC)
Tristate* (control via pad 1)
E
* not available under 500kHz
Shock resistance:
10,000G, 0.3ms, ½ sine
Vibration resistance:
40G rms 10.0 ~ 2,000Hz
Soldering condition:
260°C, 10 sec max
12
43
TOP VIEW
5.00
±0.01
3.20
±0.01
1.70
(max)
2.35
1.60
1.00
1.60
1.00
1.50
1.50
2.70
SOLDER PAD LAYOUT
12
43


Similar Part No. - MCSO2E

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO2E MICROCRYSTAL-MCSO2E Datasheet
346Kb / 2P
This SMD oscillator in ceramic package has been specially designed for surface mount using infrared, vapor phase or epoxy techniques.
logo
Golledge Electronics Lt...
MCSO2E GOLLEDGE-MCSO2E Datasheet
556Kb / 4P
5.0V Low Frequency Oscillator for Extreme Environments
MCSO2EH GOLLEDGE-MCSO2EH Datasheet
549Kb / 4P
5.0V High Frequency Oscillator for Extreme Environments
MCSO2EHV GOLLEDGE-MCSO2EHV Datasheet
550Kb / 4P
3.3V High Frequency Oscillator for Extreme Environments
MCSO2EHW GOLLEDGE-MCSO2EHW Datasheet
550Kb / 4P
2.5V High Frequency Oscillator for Extreme Environments
More results

Similar Description - MCSO2E

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO7551 GOLLEDGE-GXO7551 Datasheet
93Kb / 2P
5V CMOS Oscillator
logo
Vectron International, ...
VC-820 VECTRON-VC-820 Datasheet
240Kb / 7P
CMOS Crystal Oscillator
VCC1 VECTRON-VCC1_10 Datasheet
256Kb / 10P
CMOS Crystal Oscillator
VCC1-FIBS-106M25 VECTRON-VCC1-FIBS-106M25 Datasheet
42Kb / 2P
CMOS Oscillator
VC-801 VECTRON-VC-801_10 Datasheet
258Kb / 8P
CMOS Crystal Oscillator
logo
Golledge Electronics Lt...
MCSO1 GOLLEDGE-MCSO1_16 Datasheet
142Kb / 1P
CMOS Oscillator
MCSO1E GOLLEDGE-MCSO1E Datasheet
142Kb / 1P
CMOS Oscillator
MCSO2 GOLLEDGE-MCSO2 Datasheet
140Kb / 1P
CMOS Oscillator
GXO-7531 GOLLEDGE-GXO-7531 Datasheet
596Kb / 6P
3.3V CMOS Oscillator
logo
Microchip Technology
VCC1A MICROCHIP-VCC1A Datasheet
985Kb / 20P
CMOS Crystal Oscillator
Revision B March 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com