Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP506 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP506
Description  Multi-Protocol Serial Transceivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP506 Datasheet(HTML) 1 Page - Sipex Corporation

  SP506 Datasheet HTML 1Page - Sipex Corporation SP506 Datasheet HTML 2Page - Sipex Corporation SP506 Datasheet HTML 3Page - Sipex Corporation SP506 Datasheet HTML 4Page - Sipex Corporation SP506 Datasheet HTML 5Page - Sipex Corporation SP506 Datasheet HTML 6Page - Sipex Corporation SP506 Datasheet HTML 7Page - Sipex Corporation SP506 Datasheet HTML 8Page - Sipex Corporation SP506 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
SP505/6/7APN/03
SP505, SP506, SP507 Application Note
© Copyright 2000 Sipex Corporation
The SP50x family of multi-protocol transceivers are
designed for applications using serial ports in
networking equipment such as routers, DSU/CSUs,
multiplexors, access devices, and other networking
equipment. This application note discusses and
illustrates various configuration options, and other
helpful hints about designing with the SP505 and the
newer SP506 and SP507 products.
These one-chip serial port transceiver products
supports seven popular serial interface standards for
Wide Area Network (WAN) connectivity. With a
built-in DC-DC charge pump converter, the SP505,
SP506 and SP507 operate on +5V only. The seven
drivers and seven receivers can be configured via
software for RS-232, X.21, EIA-530, EIA-530A,
RS-449, V.35, and V.36 interface modes at any time.
Unlike other discrete solutions or other multi-chip
transceivers, the SP505, SP506 and SP507 require
no additional external circuitry for compliant
operation other than the charge pump capacitors.
All necessary resistor termination networks are
integrated within the SP505, SP506 and SP507, and
are switchable when in EIA-530, EIA-530A, RS-449,
V.35, V.36, and X.21 modes.
The SP505, SP506 and SP507 provide individual
driver disable for easy DTE/DCE configurations.
The SP507 offers four receiver enable lines for even
easier DTE/DCE programmability. The newer SP506
is pin compatible with the SP505 except with
improved AC performance. Refer to the SP505, SP506
and SP507 datasheets for electrical parameter and
configuration details.
Designing with the
SP505, SP506, & SP507
Multi-Protocol
Serial Transceivers
®


Similar Part No. - SP506

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP506 SIPEX-SP506 Datasheet
496Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP506 SIPEX-SP506 Datasheet
378Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP506 EXAR-SP506 Datasheet
911Kb / 21P
5V Single Chip WAN Multi-Mode Serial Transceiver
logo
Sipex Corporation
SP506CF SIPEX-SP506CF Datasheet
496Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
SP506CF SIPEX-SP506CF Datasheet
378Kb / 21P
5V, Single Chip WAN Multi-Mode Serial Transceiver
More results

Similar Description - SP506

ManufacturerPart #DatasheetDescription
logo
NEC
UPD72001-11 NEC-UPD72001-11 Datasheet
206Kb / 40P
MULTI-PROTOCOL SERIAL CONTROLLERS
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
Low-Cost Programmable Multi-Protocol Transceivers
SP522 SIPEX-SP522 Datasheet
200Kb / 23P
Low-Cost Programmable Multi-Protocol Transceivers
logo
Intel Corporation
8274 INTEL-8274 Datasheet
2Mb / 39P
MULTI-PROTOCOL SERIAL CONTROLLER (MPSC)
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527 Datasheet
1Mb / 45P
Serial Communications Controller CAN Protocol
logo
Texas Instruments
S6700 TI-S6700 Datasheet
91Kb / 3P
Multi-Protocol Transceiver IC
logo
InnovASIC, Inc
IA82527 INNOVASIC-IA82527_13 Datasheet
1Mb / 58P
Serial Communications Controller?봀AN Protocol
PPMC750-1251 INNOVASIC-PPMC750-1251 Datasheet
1Mb / 58P
Serial Communications Controller - CAN Protocol
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
Multi-Protocol Multi-Channel Communications Controller
logo
Silicon Laboratories
MGM240S SILABS-MGM240S Datasheet
2Mb / 64P
MGM240S Multi-Protocol Wireless
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com