Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP508CF Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP508CF
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP508CF Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP508CF Datasheet HTML 13Page - Sipex Corporation SP508CF Datasheet HTML 14Page - Sipex Corporation SP508CF Datasheet HTML 15Page - Sipex Corporation SP508CF Datasheet HTML 16Page - Sipex Corporation SP508CF Datasheet HTML 17Page - Sipex Corporation SP508CF Datasheet HTML 18Page - Sipex Corporation SP508CF Datasheet HTML 19Page - Sipex Corporation SP508CF Datasheet HTML 20Page - Sipex Corporation SP508CF Datasheet HTML 21Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17
Date: 8/19/04
SP508 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2004 Sipex Corporation
Figure 34. Driver Timing Test Load Circuit
Figure 35. Receiver Timing Test Load Circuit
Figure 36. Driver Propagation Delays
Figure 37. Driver Enable and Disable Times
Figure 38. Receiver Propagation Delays
500Ω
CL
Output
Under
Test
S1
S2
VCC
1KΩ
1KΩ
CRL
Receiver
Output
S1
S2
Test Point
VCC
+3V
0V
DRIVER
INPUT
A
B
DRIVER
OUTPUT
VO+
DIFFERENTIAL
OUTPUT
VB – VA
0V
VO–
1.5V
1.5V
tPLH
tR
tF
f > 10MHz; tR < 10ns; tF < 10ns
VO
1/2VO
1/2VO
tPHL
tDPLH
tDPHL
tSKEW = | tDPLH - tDPHL |
+3V
0V
5V
VOL
A, B
0V
1.5V
1.5V
tZL
tZH
VOH
A, B
2.3V
2.3V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
Mx or Tx_Enable
VOH
VOL
RECEIVER OUT
(VOH - VOL)/2
(VOH - VOL)/2
tPLH
f > 10MHz; tR < 10ns; tF < 10ns
OUTPUT
V0D2+
V0D2–
A – B
0V
0V
tPHL
INPUT
t
SKEW
= | tPHL - tPLH |



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com