Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP508CF Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP508CF
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP508CF Datasheet(HTML) 5 Page - Sipex Corporation

  SP508CF Datasheet HTML 1Page - Sipex Corporation SP508CF Datasheet HTML 2Page - Sipex Corporation SP508CF Datasheet HTML 3Page - Sipex Corporation SP508CF Datasheet HTML 4Page - Sipex Corporation SP508CF Datasheet HTML 5Page - Sipex Corporation SP508CF Datasheet HTML 6Page - Sipex Corporation SP508CF Datasheet HTML 7Page - Sipex Corporation SP508CF Datasheet HTML 8Page - Sipex Corporation SP508CF Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
Date: 8/19/04
SP508 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2004 Sipex Corporation
T
A = +25°C and VCC = +5.0V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DRIVER DELAY TIME BETWEEN ACTIVE MODE AND TRI-STATE MODE
RS-232/V.28
t
PZL; Tri-state to Output LOW
0.11
5.0
µsC
L = 100pF, Fig. 34 & 40; S2 closed
t
PZH; Tri-state to Output HIGH
0.11
2.0
µsC
L = 100pF, Fig. 34 & 40; S2 closed
t
PLZ; Output LOW to Tri-state
0.05
2.0
µsC
L = 100pF, Fig. 34 & 40; S2 closed
t
PHZ; Output HIGH to Tri-state
0.05
2.0
µsC
L = 100pF, Fig. 34 & 40; S2 closed
RS-423/V.10
t
PZL; Tri-state to Output LOW
0.07
2.0
µsC
L = 100pF, Fig. 34 & 40; S2 closed
t
PZH; Tri-state to Output HIGH
0.05
2.0
µsC
L = 100pF, Fig. 34 & 40; S2 closed
t
PLZ; Output LOW to Tri-state
0.55
2.0
µsC
L = 100pF, Fig. 34 & 40; S2 closed
t
PHZ; Output HIGH to Tri-state
0.12
2.0
µsC
L = 100pF, Fig. 34 & 40; S2 closed
RS-422/V.11
t
PZL; Tri-state to Output LOW
0.04
10.0
µsC
L = 100pF, Fig. 34 & 37; S1 closed
t
PZH; Tri-state to Output HIGH
0.05
2.0
µsC
L = 100pF, Fig. 34 & 37; S2 closed
t
PLZ; Output LOW to Tri-state
0.03
2.0
µsC
L = 15pF, Fig. 34 & 37; S1 closed
t
PHZ; Output HIGH to Tri-state
0.11
2.0
µsC
L = 15pF, Fig. 34 & 37; S2 closed
V.35
t
PZL; Tri-state to Output LOW
0.85
10.0
µsC
L = 100pF, Fig. 34 & 37; S1 closed
t
PZH; Tri-state to Output HIGH
0.36
2.0
µsC
L = 100pF, Fig. 34 & 37; S2 closed
t
PLZ; Output LOW to Tri-state
0.06
2.0
µsC
L = 15pF, Fig. 34 & 37; S1 closed
t
PHZ; Output HIGH to Tri-state
0.05
2.0
µsC
L = 15pF, Fig. 34 & 37; S2 closed
RECEIVER DELAY TIME BETWEEN ACTIVE MODE AND TRI-STATE MODE
RS-232/V.28
t
PZL; Tri-state to Output LOW
0.05
2.0
µsC
L = 100pF, Fig. 35 & 40; S1 closed
t
PZH; Tri-state to Output HIGH
0.05
2.0
µsC
L = 100pF, Fig. 35 & 40; S2 closed
t
PLZ; Output LOW to Tri-state
0.65
2.0
µsC
L = 100pF, Fig. 35 & 40; S1 closed
t
PHZ; Output HIGH to Tri-state
0.65
2.0
µsC
L = 100pF, Fig. 35 & 40; S2 closed
RS-423/V.10
t
PZL; Tri-state to Output LOW
0.04
2.0
µsC
L = 100pF, Fig. 35 & 40; S1 closed
t
PZH; Tri-state to Output HIGH
0.03
2.0
µsC
L = 100pF, Fig. 35 & 40; S2 closed
t
PLZ; Output LOW to Tri-state
0.03
2.0
µsC
L = 100pF, Fig. 35 & 40; S1 closed
t
PHZ; Output HIGH to Tri-state
0.03
2.0
µsC
L = 100pF, Fig. 35 & 40; S2 closed
OTHER AC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com