Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA05CL Datasheet(PDF) 1 Page - Protek Devices

Part # DA05CL
Description  High powered multi-line tvs array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DA05CL Datasheet(HTML) 1 Page - Protek Devices

  DA05CL Datasheet HTML 1Page - Protek Devices DA05CL Datasheet HTML 2Page - Protek Devices DA05CL Datasheet HTML 3Page - Protek Devices DA05CL Datasheet HTML 4Page - Protek Devices DA05CL Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05002.R12 9/12
Page 1
DA05L - DA24CM
HigH PoweReD MuLti-Line tvs ARRAy
DesCRiPtion
The DA8 Series are high powered multi-line TVS arrays available in a 8 pin DIP package. This series is designed to
protect monitoring and industrial equipment from the damaging effects of ESD, EFT and secondary transient threats.
The DA8 Series has a peak pulse power rating of 800 Watts for an 8/20µs waveshape. This devices meets the IEC
61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FeAtuRes
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• 800 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Unidirectional & Bidirectional Configurations
• ESD Protection > 25 kilovolts
• Available in Multiple Voltages
• Protects 4 to 6 Lines
• RoHS Compliant
• REACH Compliant
APPLiCAtions
• Low Frequency I/O Ports
• RS-232 & RS-423 Data Lines
• Power Bus Lines
• Monitoring & Industrial Signal & Data Ports
• Microprocessor Based Equipment
MeCHAniCAL CHARACteRistiCs
• Molded 8 Pin Dual-In-Line (DIP) Package
• Approximate Weight: 0.55 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
Pin ConFiguRAtions
8 Pin DiP PACkAge
1
2
4
8
3
5
6
7
1
2
4
8
3
5
6
7
1
2
4
8
3
5
6
7
1
2
4
8
3
5
6
7
UNIDIRECTIONAL
BIDIRECTIONAL
DAxxL Series
DAxxM Series
DAxxCM Series
DAxxCL Series


Similar Part No. - DA05CL

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DA05CL PROTEC-DA05CL Datasheet
85Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DA05CL PROTEC-DA05CL Datasheet
68Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
DA05CL PROTEC-DA05CL Datasheet
467Kb / 5P
High powered multi-line tvs array
DA05CL PROTEC-DA05CL Datasheet
471Kb / 5P
HIGH POWERED MULTI-LINE TVS ARRAY
More results

Similar Description - DA05CL

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
High powered multi-line tvs array
DLZ-5-DLZ-30CA PROTEC-DLZ-5-DLZ-30CA Datasheet
451Kb / 5P
High powered multi-line tvs array
LCA05C PROTEC-LCA05C_10 Datasheet
679Kb / 7P
High powered multi-line tvs array
VSIP PROTEC-VSIP Datasheet
750Kb / 7P
High powered multi-line VSIP짰 tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
HIGH POWERED MULTI-LINE TVS ARRAY
DA05L PROTEC-DA05L_12 Datasheet
471Kb / 5P
HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_12 Datasheet
697Kb / 7P
HIGH POWERED MULTI-LINE TVS ARRAY
LCD05C PROTEC-LCD05C_12 Datasheet
788Kb / 8P
HIGH POWERED MULTI-LINE TVS ARRAY
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
HIGH POWERED MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com