Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA05CL Datasheet(PDF) 4 Page - Protek Devices

Part # DA05CL
Description  High powered multi-line tvs array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DA05CL Datasheet(HTML) 4 Page - Protek Devices

  DA05CL Datasheet HTML 1Page - Protek Devices DA05CL Datasheet HTML 2Page - Protek Devices DA05CL Datasheet HTML 3Page - Protek Devices DA05CL Datasheet HTML 4Page - Protek Devices DA05CL Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05002.R12 9/12
Page 4
DA05L - DA24CM
8 Pin DiP PACkAge inFoRMAtion
oRDeRing inFoRMAtion
BAse PARt nuMBeR
(xx = voltage)
LeADFRee suFFiX
tAPe suFFiX
Qty/ReeL
ReeL siZe
tuBe Qty
DAxxL
-LF
n/a
n/a
n/a
50
DAxxM
-LF
n/a
n/a
n/a
50
DAxxCL
-LF
n/a
n/a
n/a
50
DAxxCM
-LF
n/a
n/a
n/a
50
notes
1. Marking on Part - logo, part number, date code and pin one defined by dot on top of package.
2. This series only available in a lead-free configuration.
Package outline per document number 06004.R3 10/11.
A
Orientation Dot
(Pin #1)
I
4 Places
F
G
J 4 Places
K
8 Places
H
L
B
C
D
4 Places
E
outLine DiMensions
DiM
MiLLiMeteRs
inCHes
Min
MAX
Min
MAX
A
9.4
10.2
0.370
0.400
B
6.10
6.60
0.240
0.260
C
7.62
8.26
0.300
0.325
D
0.20
0.30
0.008
0.012
E
0°
10°
0°
10°
F
0.38
0.76
0.015
0.030
G
4.80
5.08
0.189
0.200
H
2.92
3.43
0.115
0.135
I
1.02
1.78
0.040
0.070
J
0.76
1.52
0.030
0.060
K
0.38
0.53
0.015
0.021
L
2.54
2.54
0.100
0.100
notes
1. Dimensions are exclusive of mold flash and metal burrs.
2. Dimension “L” is between centers.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com