Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP522CT Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP522CT
Description  Low-Cost Programmable Multi-Protocol Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP522CT Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP522CT Datasheet HTML 13Page - Sipex Corporation SP522CT Datasheet HTML 14Page - Sipex Corporation SP522CT Datasheet HTML 15Page - Sipex Corporation SP522CT Datasheet HTML 16Page - Sipex Corporation SP522CT Datasheet HTML 17Page - Sipex Corporation SP522CT Datasheet HTML 18Page - Sipex Corporation SP522CT Datasheet HTML 19Page - Sipex Corporation SP522CT Datasheet HTML 20Page - Sipex Corporation SP522CT Datasheet HTML 21Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
Rev. 7/10/03
SP522 Multi–Mode Serial Transceivers
© Copyright 2003 Sipex Corporation
Figure 14. DTE/DCE Application with the SP522 and SP524
+5V
2
VCC
SP524
43
28
29
10µF
10µF
22
20
24
25
5
36
DP1
DP0
+10V
10µF
+
+
+
VDD
VSS
32
31
1
–10V
39
40
LATCH_EN
30
LOOPBCK
GND
41
7
26
27
42
37
38
+5V
13
VCC
SP522
1
15
21
22
10µF
10µF
11
12
10
9
18
24
DP1
DP0
+10V
10µF
+
+
+
VDD
VSS
7
8
14
–10V
6
17
5
3
LATCH_EN
2
LOOPBCK
GND
14 19
44
3
4
18
17
35
6
16
8
15
13
11
33
34
9
10
23
12
21
GND GND
16
6
20
19
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com