Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP522CT Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP522CT
Description  Low-Cost Programmable Multi-Protocol Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP522CT Datasheet(HTML) 3 Page - Sipex Corporation

  SP522CT Datasheet HTML 1Page - Sipex Corporation SP522CT Datasheet HTML 2Page - Sipex Corporation SP522CT Datasheet HTML 3Page - Sipex Corporation SP522CT Datasheet HTML 4Page - Sipex Corporation SP522CT Datasheet HTML 5Page - Sipex Corporation SP522CT Datasheet HTML 6Page - Sipex Corporation SP522CT Datasheet HTML 7Page - Sipex Corporation SP522CT Datasheet HTML 8Page - Sipex Corporation SP522CT Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
Rev. 7/10/03
SP522 Multi–Mode Serial Transceivers
© Copyright 2003 Sipex Corporation
SPECIFICATIONS
Typical @ 25°C and nominal supply voltages unless otherwise noted.
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS485 RECEIVER
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts
Input
Common Mode Range
-7.0
+12.0
Volts
High Input Current
Refer to Rec. input graph
Low Input Current
Refer to Rec. input graph
Receiver Sensitivity
±0.1
Volts
V
CM = +12V to -7V
Input Impedance
12
kΩ
V
CM = +12V to -7V
Max. Transmission Rate
10
Mbps
Propagation Delay
T
A = +25°C
t
PHL
110
175
nS
Figures 3 & 7
t
PLH
110
175
nS
Figures 3 & 7
RS232 DRIVER
TTL Input Level
V
IL
0.8
Volts
V
IH
2.0
Volts
Outputs
High Level Output
+5.0
+15
Volts
R
L=3KΩ, VIN=0.8V
Low Level Output
-15.0
-5.0
Volts
R
L=3KΩ, VIN=2.0V
Open Circuit Voltage
-15
+15
Volts
Short Circuit Current
+100
mA
V
out = 0V
Power Off Impedance
300
V
cc = 0V, Vout = ±2.0V
Slew Rate
30
V/µsR
L=3KΩ, CL=50pF,
between +3V to –3V
Transition Time
1.5
µsR
L=3KΩ, CL=2500pF
Max. Transmission Rate
120
Kbps
R
L=3KΩ, CL=2500pF
Propagation Delay
T
A = +25°C
t
PHL
28
µSR
L=3KΩ
t
PLH
28
µSR
L=3KΩ
RS232 RECEIVER
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts
Input
High Threshold
1.7
3.0
Volts
Low Threshold
0.8
1.2
Volts
Receiver Open Circuit Bias
+2.0
Volts
Input Impedance
3
5
7
KΩ
Max. Transmission Rate
120
Kbps
Propagation Delay
T
A = +25°C
t
PHL
0.2
1
µS
t
PLH
0.2
1
µS
RS423 DRIVER
TTL Input Levels
V
IL
0.8
Volts
V
IH
2.0
Volts
Output
V
DD = +5V, VSS = –5V
High Level Output
+3.6
+6.0
Volts
R
L=450Ω, VT = 0.9*VOC
Low Level Output
-6.0
-3.6
Volts
R
L=450Ω, VT = 0.9*VOC
Open Circuit Voltage
+4.0
+6.0
Volts
Short Circuit Current
+150
mA
V
OUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com