Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5301 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP5301
Description  Universal Serial Bus Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP5301 Datasheet(HTML) 1 Page - Sipex Corporation

  SP5301 Datasheet HTML 1Page - Sipex Corporation SP5301 Datasheet HTML 2Page - Sipex Corporation SP5301 Datasheet HTML 3Page - Sipex Corporation SP5301 Datasheet HTML 4Page - Sipex Corporation SP5301 Datasheet HTML 5Page - Sipex Corporation SP5301 Datasheet HTML 6Page - Sipex Corporation SP5301 Datasheet HTML 7Page - Sipex Corporation SP5301 Datasheet HTML 8Page - Sipex Corporation SP5301 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
SP5301DS/10
SP5301 Universal Serial Bus Transceiver
© Copyright 2000 Sipex Corporation
SP5301
Universal Serial Bus Transceiver
The SP5301 is a half-duplex Universal Serial Bus (USB) differential transceiver that interfaces
with the USB Serial Interface Engine (SIE). The SP5301 is designed to allow 3.3V or 5.0V
standard and programmable logic to interface with the physical layer of the Universal Bus. The
USB protocol can support multiple connections for up to 127 physical devices composed of
many diverse functions. It is capable of transmitting and receiving serial data at both full speed
(12Mbps) and low speed (1.5Mbps) data rates. Implementation of the Serial Interface Engine
along with the USB transceiver allow the designer to make flexible USB compatible devices
with widely available logic components. The SP5301 is specifically geared towards low-cost
USB solutions for the PC peripheral market.
s Utilizes digital inputs and outputs to
transmit and receive USB cable data
s Supports 12Mbps "Full Speed" and
1.5Mbps "Low Speed" serial data
transmission
s Compatible with the VHDL "Serial
Interface Engine" from USB developer's
conference
s Hysteresis on V
P and VM Function
s Ease of use for PC peripheral expansion
s Protocol flexibility for mixed-mode
isochronous data transfers and
asynchronous messaging
s Available in 14 pin 0.15" SOIC package
s Rail to Rail receiver common mode input
range, 20mV typical receiver sensitivity
s Low Power; 20 nA in SUSPEND mode
s Enhanced version of the PDIUSBP11
DESCRIPTION
VCC
GND
1
2
3
4
11
12
13
14
5
6
7
10
9
8
RERR
OE
RCV
VP
VM
SUSPND
SPEED
RSEO
D-
D+
VPO
VMO
D+
D-
SUSPND
RCV
VP
VM
OE
SPEED
VMO
VPO
RERR RSE0
Receiver
Logic
RE
RE
RE
®


Similar Part No. - SP5301

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
Universal Serial Bus Transceiver
logo
DB Unlimited.
SP530104-1 DBUNLIMITED-SP530104-1 Datasheet
737Kb / 1P
Released from Engineering
logo
Sipex Corporation
SP5301CN SIPEX-SP5301CN Datasheet
185Kb / 13P
Universal Serial Bus Transceiver
SP5301CY SIPEX-SP5301CY Datasheet
185Kb / 13P
Universal Serial Bus Transceiver
More results

Similar Description - SP5301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1103 PHILIPS-ISP1103 Datasheet
484Kb / 17P
Universal Serial Bus transceiver
Rev. 01 - 4 October 1999
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
Universal Serial Bus transceiver
1997 Sep 16
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
Universal Serial Bus Transceiver
1999 Jun 04
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
Universal Serial Bus Transceiver
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550A MICREL-MIC2550A Datasheet
122Kb / 11P
Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com