Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6122EB Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6122EB
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122EB Datasheet(HTML) 4 Page - Sipex Corporation

  SP6122EB Datasheet HTML 1Page - Sipex Corporation SP6122EB Datasheet HTML 2Page - Sipex Corporation SP6122EB Datasheet HTML 3Page - Sipex Corporation SP6122EB Datasheet HTML 4Page - Sipex Corporation SP6122EB Datasheet HTML 5Page - Sipex Corporation SP6122EB Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. 5/23/01
SP6122 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
4
Figure 2. SP6122 Efficiency with Vin = 3.3V, Vout = 1.93V
Figure 3. SP6122 Load Regulation with Input Voltage = 3.3V
Figure 4. SP6122 Line Regulation with Iload = 2A
SP6122 Efficiency
83
84
85
86
87
88
89
0
1
2
3
4
5
Iload (A)
SP6122 Load Regulation
1.897
1.898
1.899
1.900
1.901
1.902
0
1
2
3
4
5
Iload (A)
SP6122 Line Regulation
1.899
1.900
1.901
1.902
1.903
1.904
1.905
3
4
5
6
Iload (A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com