Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6122EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6122EB
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6122EB Datasheet HTML 1Page - Sipex Corporation SP6122EB Datasheet HTML 2Page - Sipex Corporation SP6122EB Datasheet HTML 3Page - Sipex Corporation SP6122EB Datasheet HTML 4Page - Sipex Corporation SP6122EB Datasheet HTML 5Page - Sipex Corporation SP6122EB Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 5/23/01
SP6122 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
1
DESCRIPTION
The SP6122 Evaluation Board is designed to help the user evaluate the performance
of the SP6122 for use as a low voltage input, low voltage output PFET Buck DC-DC
Controller. The SP6122 operates from a 5V or 3.3V input supply, and delivers output
voltages as low as 1.5V with an accuracy of 1.5% over line, load and temperature.
Unlike other “Micro-8” parts, the SP6122 has an array of value added features for you to
evaluate including: optional hiccup mode, over-current protection and fault flag output.
The evaluation board is a completely assembled and tested surface mount power
supply board which provides easy access to the SP6122 Input and Outputs so that the
user can quickly measure electrical characteristics and waveforms.
The next two sections describe the SP6122 Board Layout and Using the SP6122
Evaluation Boards. A section on SP6122 Power Supply Data is also included with
graphs on Efficiency, Line and Load Regulation. Then, drawings of the PC Layout and
a schematic are included as a design-in tool for the user of the SP6122. Finally, a
SP6122 Evaluation Board List of Materials table is provided with some manufacturers
part numbers to use as a reference.
BOARD LAYOUT
The SP6122 Evaluation Board has been designed for quick and easy connection to
the Input and Output of the SP6122 Power Supply under test. Position the board with
the silkscreen lettering upright, (also see the drawing on the front page of this manual)
and you will see U1 the SP6122 8-pin
µSOIC, in the center left of the board. To the left
of U1 are the output capacitor Cout and the Vout pin. To the right of U1 are Q1 and the
Vin post and the input capacitor Cin. Below Cin and Cout are the two GND posts.
§ Easy Evaluation for the
SP6122 Low Voltage PFET
Buck Converter
§ Ideal for 1A to 5A, Small
Footprint, DC-DC Power
Converters
§ Very Accurate 1.5%
Reference over Line, Load,
Temperature
§ Small Micro 8 Package
SP6122
Evaluation Board Manual


Similar Part No. - SP6122EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6122 SIPEX-SP6122 Datasheet
131Kb / 19P
Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122 SIPEX-SP6122 Datasheet
161Kb / 19P
Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122ACU SIPEX-SP6122ACU Datasheet
131Kb / 19P
Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122ACU SIPEX-SP6122ACU Datasheet
161Kb / 19P
Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122ACU-1.5 SIPEX-SP6122ACU-1.5 Datasheet
131Kb / 19P
Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
More results

Similar Description - SP6122EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com