Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6122ACU Datasheet (PDF) - Sipex Corporation

SP6122ACU Datasheet PDF - Sipex Corporation
Part # SP6122ACU
Download  SP6122ACU Download
File Size   131.33 Kbytes
Page   19 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters

SP6122ACU Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6122ACU Datasheet PDF - Sipex Corporation

Part # SP6122ACU
Download  SP6122ACU Click to download

File Size   131.33 Kbytes
Page   19 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters

SP6122ACU Datasheet (HTML) - Sipex Corporation


SP6122ACU Product details

DESCRIPTION
The SP6122 is a PWM/PFM minimum on-time controller designed to work from a single 3V-5.5V input supply. It is engineered specifically for size and minimum component count, simplifying the transition from a linear regulator to a switcher solution. However, unlike other “micro” parts, the SP6122 has an array of value added features such as optional hiccup mode, over current protection, TTL enable, “jitter and frequency stabilization” and a fault flag pull-down pin. Combined with reference and driver specifications usually found on more expensive integrated circuits, the SP6122 delivers great performance and value in an 8 pin MSOP package.

■ Optimized for Single Supply, 3V-5.5V Applications
■ High Efficiency, Greater than 90% Possible
■ 20ns/1nF PFET Output Driver
■ Fast Transient Response
■ Open Drain Fault Output Pin
■ Internal Soft Start Circuit
■ Accurate 1.5% Reference
■ Programmable Output Voltage or Fixed 1.5V Output
■ Loss-less Adjustable Current Limit with High side RDS(ON) Sensing
■ Hiccup or Lock-up Fault Modes
■ Low 5µA Sleep Mode Quiescent Current
■ Low 300µA Protected Mode Quiescent Current
■ Ultra Low, 150µA Unprotected Mode Quiescent Current
■ High Light Load Efficiency
■ Offered in Tiny 8 pin MSOP Package

APPLICATIONS
■ Video Cards
■ High Power Portable
■ Microcontrollers
■ I/O & Logic
■ Industrial Control
■ Distributed Power
■ Low Voltage Power




Similar Part No. - SP6122ACU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6122ACU SIPEX-SP6122ACU Datasheet
161Kb / 19P
Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122ACU-15 SIPEX-SP6122ACU-15 Datasheet
161Kb / 19P
Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122ACU-15/TR SIPEX-SP6122ACU-15/TR Datasheet
161Kb / 19P
Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6122ACU/TR SIPEX-SP6122ACU/TR Datasheet
161Kb / 19P
Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
More results


Similar Description - SP6122ACU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6120 SIPEX-SP6120 Datasheet
145Kb / 13P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120 SIPEX-SP6120 Datasheet
308Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120B SIPEX-SP6120B Datasheet
304Kb / 22P
Low Voltage, AnyFETTM, Synchronous ,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6120HV SIPEX-SP6120HV Datasheet
416Kb / 22P
High Voltage, Synchronous ,Buck Controller Ideal for 2A to 20A, High Performance, DC-DC Power Converters
SP6121 SIPEX-SP6121 Datasheet
358Kb / 16P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6123 SIPEX-SP6123 Datasheet
154Kb / 18P
Low Voltage, Synchronous Step-Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6128A SIPEX-SP6128A Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
SP6120 SIPEX-SP6120_05 Datasheet
216Kb / 22P
Low Voltage, AnyFETTM, Synchronous,Buck Controller Ideal for 2A to 10A, High Performance, DC-DC Power Converters
SP6122 SIPEX-SP6122_04 Datasheet
161Kb / 19P
Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
SP6128A SIPEX-SP6128A_05 Datasheet
125Kb / 10P
Low Voltage, Synchronous Step Down PWM Controller Ideal for 2A to 10A, Small Footprint, DC-DC Power Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com