Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCXOVST/C Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # OCXOVST/C
Description  5.0V OCXO CMOS Output Stratum 3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

OCXOVST/C Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  OCXOVST/C Datasheet HTML 1Page - Golledge Electronics Ltd OCXOVST/C Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.0V OCXO CMOS Output Stratum 3
OCXOVST
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
21 Jul 2015
Features
Stratum 3 compliant
Compact 14-pin DIL package (SMD optional)
5.0V supply voltage
CMOS compatible output
Very fast warmup
Low power consumption
Wide temperature range available
Option
Codes
OCXOVST
Product
Parameters
Product name + option codes + frequency
eg: OCXOVST/D 12.80MHz
OCXOVST/C 19.440MHz
Option code X (eg OCXOVST/X) denotes a custom spec.
Ordering Information
Standard. Optional - Please specify required code(s) when ordering
Specifications
2011/65/EU
PIN
1
7
8
14
CONNECTION
Ground
Ground
Output
Supply
7.80
±0.20
6.35
±0.50
0.80
0.46Ø
7.62
15.24
1
14
7
8
20.14
±0.08
12.52
±0.08
Product is NOT designed to withstand 260°C reflow processing
Frequency range:
10.0kHz ~ 54.0MHz
Frequency stability:
±4.6ppm max overall
(Including 15 years ageing)
±0.1ppm max vs V
DD
±10ppb max vs load ±10%
Short term stability:
5x10-10, τ 0.1 to 30s
5x10-11 typ at 1s
Holdover stability (24hrs):
±0.28ppm max (0.56ppm p-p)
(Incl load, supply and temp variation)
Internal calibration:
±1.0ppm max
Operating temperature range:
0 to +70°C
D
-40 to +85°C
C
Storage temperature range:
-55 to +125°C
Output waveform:
CMOS compatible
‘0’=+0.4V max, ‘1’=V
DD-0.5V min
45:55 max
Rise/fall times 7ns max (no load)
Load:
3pF min, 47pF max
Start up time:
5ms max
Supply voltage (V
DD):
+5.0V (±0.20V)
Input current: 80mA max @ +25°C
120mA max @ -20°C
Warm up time (secs):
current 250mA max @ 25°C
10
to within ±0.1ppm @ 25°C
60
Phase noise (typ @ 10MHz):
-100dBc/Hz @ 10Hz
-130dBc/Hz @ 100Hz
-140dBc/Hz @ 1kHz
-145dBc/Hz @ 10kHz
Shock & vibration:
5,000G, 0.3ms ½-sine
10.0 ~ 2,000Hz, 20G
Package:
Through hole 14 pin DIL
SMD options 1 or 2

specify


Similar Part No. - OCXOVST/C

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillator
logo
Golledge Electronics Lt...
OCXOVST GOLLEDGE-OCXOVST Datasheet
551Kb / 5P
Stratum 3 Compliant 5.0V OCXO with CMOS Output
logo
MICORO CRYSTAL SWITZERL...
OCXOVSTC12.8MHZ MICROCRYSTAL-OCXOVSTC12.8MHZ Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
OCXOVSTC20MHZ MICROCRYSTAL-OCXOVSTC20MHZ Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
OCXOVSTC25.6MHZ MICROCRYSTAL-OCXOVSTC25.6MHZ Datasheet
311Kb / 2P
HC-MOS output Up to 54 MHz stratum 3 compliant
More results

Similar Description - OCXOVST/C

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASOF5S3 CONNOR-WINFIELD-ASOF5S3 Datasheet
165Kb / 2P
SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO
CGOV5S3 CONNOR-WINFIELD-CGOV5S3 Datasheet
211Kb / 2P
14 PIN DIP 5.0V STRATUM 3 OCXO
AGOV5S3 CONNOR-WINFIELD-AGOV5S3 Datasheet
216Kb / 2P
14 PIN DIP 5.0V HCMOS STRATUM 3 OCXO
AGOF5S3 CONNOR-WINFIELD-AGOF5S3 Datasheet
212Kb / 2P
14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
BGOV5S3 CONNOR-WINFIELD-BGOV5S3 Datasheet
216Kb / 2P
14 PIN DIP 5.0V STRATUM 3 OCXO
OFC5EF1AB CONNOR-WINFIELD-OFC5EF1AB Datasheet
133Kb / 2P
5.0V HCMOS STRATUM 3E OCXO
logo
Golledge Electronics Lt...
OCXOWST GOLLEDGE-OCXOWST Datasheet
143Kb / 2P
3.3V OCXO CMOS Output Stratum 3
GTXO-C14V GOLLEDGE-GTXO-C14V Datasheet
548Kb / 4P
3.3 & 5.0V Stratum 3 VCTCXO with CMOS Output
OCXOWST GOLLEDGE-OCXOWST_18 Datasheet
551Kb / 5P
Stratum 3 Compliant 3.3V OCXO with CMOS Output
OCXOVST GOLLEDGE-OCXOVST_18 Datasheet
551Kb / 5P
Stratum 3 Compliant 5.0V OCXO with CMOS Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com