Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # 3KP-HF
Description  3000W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

3KP-HF Datasheet(HTML) 1 Page - Comchip Technology

  3KP-HF Datasheet HTML 1Page - Comchip Technology 3KP-HF Datasheet HTML 2Page - Comchip Technology 3KP-HF Datasheet HTML 3Page - Comchip Technology 3KP-HF Datasheet HTML 4Page - Comchip Technology 3KP-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3KP-HF Series
Stand-off Voltage: 5.0 ~ 440V
Power Dissipation: 3000 Watts
RoHS Device
3000W Transient Voltage Suppressor
Page 1
REV:A
Symbol
Parameter
Value
Unit
Peak power dissipation with a 10/1000 s waveform
μ
(Note 1)
300
Features
-Glass passivated chip.
-Low leakage.
-Uni and Bidirection unit.
-Excellent clamping capability.
-Epoxy: UL 94V-0 rate flame retardant.
-Very Fast response time.
Mechanical Data
-Case: Molded plastic R-6
-Lead: Solderable per MIL-STD-202, method
208 guranteed.
-Weight: 2.1 grams
Dimensions in inches and (millimeter)
Peak forward surge current, 8.3mS single
half sine-wave unidirectional only
(Note 2)
Operating junction and storage temperature range
PPP
See Next Table
3000
-55 to +150
W
A
A
°C
NTOES:
(1) Non-repetitive current pulse, per fig.3 and derated above TA=25°C per Fig. 1.
(2) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
(3) VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V.
IPP
IFSM
TJ, TSTG
1.0(25.4)
MIN.
0.360(9.14)
0.340(8.64)
0.360(9.14)
0.340(8.64)
0.052(1.32)
0.048(1.22)
1.0(25.4)
MIN.
DIA.
DIA.
R-6
Maximum instantaneous forward voltage at
100A for unidirectional only (Note 3)
3.5 / 5.0
V
VF
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive loaded.
For capacitive load, derated current by 20%.
-Polarity: Color band denotes cathode end
except Bipolar.
6.5
W
Power dissipation on infinite heatsink at TL=75°C
PD
Peak pulse current wih a 10/1000 μs waveform
(Note 1)
Company reserves the right to improve product design , functions and reliability without notice.
QW-JTV13
Halogen Free


Similar Part No. - 3KP-HF

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
3KP-AT YAGEO-3KP-AT Datasheet
462Kb / 8P
Transient Voltage Suppressors (TVS)
Jun. 30, 2023 V.3
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
More results

Similar Description - 3KP-HF

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3KP WTE-3KP_06 Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
3KP180 WTE-3KP180 Datasheet
72Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
3000W Transient Voltage Suppressor
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
3000W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
3.0SMCJ5.0 FRONTIER-3.0SMCJ5.0 Datasheet
192Kb / 4P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev erse
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMDJ WEEN-SMDJ Datasheet
591Kb / 7P
3000W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
3KP LEIDITECH-3KP Datasheet
819Kb / 5P
3000W Transient Voltage Suppressor
SMB30J LEIDITECH-SMB30J Datasheet
656Kb / 4P
3000W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com