Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # 3KP-HF
Description  3000W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

3KP-HF Datasheet(HTML) 3 Page - Comchip Technology

  3KP-HF Datasheet HTML 1Page - Comchip Technology 3KP-HF Datasheet HTML 2Page - Comchip Technology 3KP-HF Datasheet HTML 3Page - Comchip Technology 3KP-HF Datasheet HTML 4Page - Comchip Technology 3KP-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics (TA=25°C unless otherwise noted)
Page 3
REV:A
3000W Transient Voltage Suppressor
Company reserves the right to improve product design , functions and reliability without notice.
MIN.(V)
MAX.(V)
Part No.
Maximum
Clamping
Voltage
Vc(V)
IT(mA)
VBR (V) @ IT
Breakdown Voltage
Working
Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse
Leakage
at VRWM
IR (uA)
Maximum
Reverse
Surge
IPP(A)
Current
UNI
BI
Marking Code
at IPP
3KP5.0(C)A-HF
6.40
7.00
50
5000
5.0
9.2
326.09
3KP5.0A
3KP5.0CA
3KP6.0(C)A-HF
6.67
7.37
50
5000
6.0
10.3
291.26
3KP6.0A
3KP6.0CA
3KP6.5(C)A-HF
7.22
7.98
50
2000
6.5
11.2
267.86
3KP6.5A
3KP6.5CA
3KP7.0(C)A-HF
7.78
8.60
50
1000
7.0
12.0
250.00
3KP7.0A
3KP7.0CA
3KP7.5(C)A-HF
8.33
9.21
5
250
7.5
12.9
232.56
3KP7.5A
3KP7.5CA
3KP8.0(C)A-HF
8.89
9.83
5
150
8.0
13.6
220.59
3KP8.0A
3KP8.0CA
3KP8.5(C)A-HF
9.44
10.4
5
50
8.5
14.4
208.33
3KP8.5A
3KP8.5CA
3KP9.0(C)A-HF
10.0
11.1
5
20
9.0
15.4
194.81
3KP9.0A
3KP9.0CA
3KP10(C)A-HF
11.1
12.3
5
15
10.0
17.0
176.47
3KP10A
3KP10CA
3KP11(C)A-HF
12.2
13.5
5
2
11.0
18.2
164.84
3KP11A
3KP11CA
3KP12(C)A-HF
13.3
14.7
5
2
12.0
19.9
150.75
3KP12A
3KP12CA
3KP13(C)A-HF
14.4
15.9
5
2
13.0
21.5
139.53
3KP13A
3KP13CA
3KP14(C)A-HF
15.6
17.2
5
2
14.0
23.2
129.31
3KP14A
3KP14CA
3KP15(C)A-HF
16.7
18.5
5
2
15.0
24.4
122.95
3KP15A
3KP15CA
3KP16(C)A-HF
17.8
19.7
5
2
16.0
26.0
115.38
3KP16A
3KP16CA
3KP17(C)A-HF
18.9
20.9
5
2
17.0
27.6
108.70
3KP17A
3KP17CA
3KP18(C)A-HF
20.0
22.1
5
2
18.0
102.74
29.2
3KP18A
3KP18CA
3KP19(C)A-HF
21.1
23.3
5
2
19.0
97.47
30.8
3KP19A
3KP19CA
3KP22(C)A-HF
24.4
26.9
5
2
22.0
84.51
35.5
3KP22A
3KP22CA
3KP24(C)A-HF
26.7
29.5
5
2
24.0
77.12
38.9
3KP24A
3KP24CA
3KP26(C)A-HF
28.9
31.9
5
2
26.0
71.26
42.1
3KP26A
3KP26CA
3KP28(C)A-HF
31.1
34.4
5
2
28.0
66.08
45.4
3KP28A
3KP28CA
3KP20(C)A-HF
22.2
24.5
5
2
20.0
92.59
32.4
3KP20A
3KP20CA
3KP30(C)A-HF
33.3
36.8
5
2
30.0
61.98
48.4
3KP30A
3KP30CA
3KP33(C)A-HF
36.7
40.6
33.0
56.29
53.3
3KP36(C)A-HF
40.0
44.2
36.0
51.64
58.1
3KP40(C)A-HF
44.4
49.1
40.0
46.51
64.5
3KP43(C)A-HF
43.0
47.8
43.0
43.23
69.4
5
2
5
2
5
2
5
2
5
2
5
2
5
2
5
2
3KP45(C)A-HF
45.0
50.0
55.3
72.7
41.27
3KP48(C)A-HF
48.0
53.3
58.9
77.4
38.76
3KP51(C)A-HF
51.0
56.7
62.7
82.4
36.41
3KP54(C)A-HF
54.0
60.0
66.3
87.1
34.44
3KP33A
3KP36A
3KP40A
3KP43A
3KP45A
3KP48A
3KP51A
3KP54A
3KP33CA
3KP36CA
3KP40CA
3KP43CA
3KP45CA
3KP48CA
3KP51CA
3KP54CA
QW-JTV13



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com