Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6137 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6137
Description  Wide Input, 900KHz Synchronous PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6137 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6137 Datasheet HTML 5Page - Sipex Corporation SP6137 Datasheet HTML 6Page - Sipex Corporation SP6137 Datasheet HTML 7Page - Sipex Corporation SP6137 Datasheet HTML 8Page - Sipex Corporation SP6137 Datasheet HTML 9Page - Sipex Corporation SP6137 Datasheet HTML 10Page - Sipex Corporation SP6137 Datasheet HTML 11Page - Sipex Corporation SP6137 Datasheet HTML 12Page - Sipex Corporation SP6137 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Date: 7/28/04
SP6137 Wide Input, 900KHz Synchronous PWM Controll
© Copyright 2004 Sipex Corporation
thermal improvement can be achieved in the maxi-
mum power dissipation through the proper design
of copper mounting pads on the circuit board. For
example, in a SO-8 package, placing two 0.04
square inches copper pad directly under the pack-
age, without occupying additional board space,
can increase the maximum power from approxi-
mately 1 to 1.2W. For DPAK package, enlarging
the tap mounting pad to 1 square inches reduces the
RΘJA from 96°C/W to 40°C/W.
APPLICATIONS INFORMATION: Continued
Schottky Diode Selection
When paralleled with the bottom MOSFET, an
optional Schottky diode can improve efficiency
and reduce noises. Without this Schottky diode,
the body diode of the bottom MOSFET con-
ducts the current during the non-overlap time
when both MOSFETs are turned off. Unfortu-
nately, the body diode has high forward voltage
and reverse recovery problem. The reverse re-
covery of the body diode causes additional
switching noises when the diode turns off. The
Schottky diode alleviates these noises and addi-
tionally improves efficiency thanks to its low
forward voltage. The reverse voltage across the
diode is equal to input voltage, and the diode
must be able to handle the peak current equal to
the maximum load current.
The power dissipation of the Schottky diode is
determined by
PDIODE = 2VFIOUTTNOLFS
where
TNOL = non-overlap time between GH and GL.
VF = forward voltage of the Schottky diode.
Loop Compensation Design
The open loop gain of the whole system can be
divided into the gain of the error amplifier,
PWM modulator, buck converter output stage,
and feedback resistor divider. In order to cross-
over at the selected frequency FCO, the gain of
the error amplifier has to compensate for the
attenuation caused by the rest of the loop at this
frequency.
(SRz2Cz2+1)(SR1Cz3+1)
(SRESRCOUT+ 1)
[S^2LC
OUT+S(RESR+RDC) COUT+1]
VIN
SR1Cz2(SRz3Cz3+1)(SRz2Cp1+1)
VRAMP_PP
VOUT
(Volts)
+
_
VREF
(Volts)
Notes: R
ESR = Output Capacitor Equivalent Series Resistance.
R
DC = Output Inductor DC Resistance.
V
RAMP_PP = SP6132 Internal RAMP Amplitude Peak to Peak Voltage.
Condition: Cz2 >> Cp1 & R1 >> Rz3
Output Load Resistance >> R
ESR & RDC
R2
VREF
(R1 + R2)
or
VOUT
VFBK
(Volts)
Type III Voltage Loop
Compensation
G
AMP (s) Gain Block
PWM Stage
G
PWM Gain
Block
Output Stage
G
OUT (s) Gain
Block
Voltage Feedback
G
FBK Gain Block
SP6134 Voltage Mode Control Loop with Loop Dynamic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com