Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6137 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6137
Description  Wide Input, 900KHz Synchronous PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6137 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6137 Datasheet HTML 1Page - Sipex Corporation SP6137 Datasheet HTML 2Page - Sipex Corporation SP6137 Datasheet HTML 3Page - Sipex Corporation SP6137 Datasheet HTML 4Page - Sipex Corporation SP6137 Datasheet HTML 5Page - Sipex Corporation SP6137 Datasheet HTML 6Page - Sipex Corporation SP6137 Datasheet HTML 7Page - Sipex Corporation SP6137 Datasheet HTML 8Page - Sipex Corporation SP6137 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Date: 7/28/04
SP6137 Wide Input, 900KHz Synchronous PWM Controll
© Copyright 2004 Sipex Corporation
General Overview
The SP6137 is a fixed frequency, voltage mode,
synchronous PWM controller optimized for high
efficiency. The part has been designed to be
especially attractive for split plane applications
utilizing 5V to power the controller and 2.5V to
20V for step down conversion.
The heart of the SP6137 is a wide bandwidth
transconductance amplifier designed to accom-
modate Type II and Type III compensation
schemes. A precision 0.8V reference present on
the positive terminal of the error amplifier per-
mits the programming of the output voltage
down to 0.8V via the VFB pin. The output of the
error amplifier, COMP, compared to a 1.1V
peak-to-peak ramp is responsible for trailing
edge PWM control. This voltage ramp and PWM
control logic are governed by the internal oscil-
lator that accurately sets the PWM frequency to
900kHz.
FUNCTIONAL DIAGRAM
1.7 V
1.7 V
POWER OK ONCE LOGIC
COMPARATOR
ASYNC. STARTUP
0.4 V
THERMAL
FAULT
FAULT
CLR
COUNT 20
CLOCK
PULSES
600 kHZ
CLK
CLOCK PULSE GENERATOR
SS
GL HOLD OFF
SHUTDOWN
100% Protection Logic
Q
R
S
RESET
DOMINANT
QPWM
CLK
SYNCHRONOUS
DRIVER
GND
3
2 GL
PWM LOOP
5 COMP
POS REF
FAULT
Logic
Delay
FAULT
UVIN
6
1
7
COUNTER
CLR
V
CC UVLO
VIN UVLO
REF OK
4.05 V OFF
4.25 V ON
2.50 V ON
2.20 V OFF
UVLO COMPARATORS
REF OK
0.25V
VPOS
VFBINT
PWRFLT
0.8V
CORE
REFERENCE
V
CC
REF OK
THERMAL AND SHORT CIRCUIT PROTECTION
FAULT
Q
145°C ON
REF OK
100ms Delay
CLK
MFLT
DOMINANT
R
S
SET
DOMINANT
SET
Q
R
S
135°C OFF
DETECTION
SHORT CIRCUIT
SOFTSTART INPUT
RAMP = 1.1V
VFBINT
VPOS
Gm
Gm ERROR AMPLIFIER
9 GH
8 SWN
10 BST
VFB
SS
10 µA
VCC
VCC
VCC
PWRFLT
MFLT
THEORY OF OPERATION
The SP6137 contains two unique control fea-
tures that are very powerful in distributed appli-
cations. First, asynchronous driver control is
enabled during start up to prohibit the low side
NFET from pulling down the output until the
high side NFET has attempted to turn on. Sec-
ond, a 100% duty cycle timeout ensures that the
low side NFET is periodically enhanced during
extended periods at 100% duty cycle. This guar-
antees the synchronized refreshing of the BST
capacitor during very large duty ratios.
The SP6137 also contains a number of valuable
protection features. A programmable input (VIN)
UVLO allows a user to set the exact value at
which the conversion voltage is at a safe point to
begin down conversion, and an internal VCC
UVLO ensures that the controller itself has
enough voltage to properly operate. Other pro-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com