Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6137LED Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6137LED
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6137LED Datasheet(HTML) 1 Page - Sipex Corporation

  SP6137LED Datasheet HTML 1Page - Sipex Corporation SP6137LED Datasheet HTML 2Page - Sipex Corporation SP6137LED Datasheet HTML 3Page - Sipex Corporation SP6137LED Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev 12/05/03
SP6137LED Evaluation Board Manual
Copyright 2003 Sipex Corporation
DESCRIPTION AND BOARD SCHEMATIC
The SP6137LED Evaluation Board is designed to help the user evaluate the performance of
the SP6137 for use as a Luxeon 1W/3W/5W Driver. The evaluation board is a completely
assembled and tested surface mount board which provides easy probe access points to all
SP6137 inputs and outputs so that the user can quickly connect and measure electrical
characteristics and waveforms.
Ideal for Automotive or 12V Bus
Application
Single Board for 1W, 3W and 5W
Applications
High Efficiency
Small 10-Pin MSOP Package
900kHz Switching Frequency
Enables Small Components
Integrated Design with Minimal
Components.
Dual MOSFET for Spacing Saving
SP6137LED
Evaluation Board Manual
VIN
1
1
5.1V
J1 setup:
J1 no hat:
1W LumiLED
J1 at 1&2:
5W LumiLED
J1 at 2&3
3W LumiLED
R1,R3,R5:
1206, 1%, SMD
16V, 0805
200mV
R6
499
R4
1k
5.1V,
SOD-323
C1
1uF
VSS
1
1
1/4W,
1206
VOUT
1
1
SOD-123
R3 0.33
C2
10uF
U1
SP6137
6
5
7
4
8
9
10
2
3
1
UVIN
COMP
SS
VFB
SWN
GH
BST
GL
GND
VCC
J1
1
2
3
16V, 0805
L1
1
2
4.7uH
R2
24.3K
D2
MBR0530
12V
D3
1W/3W/5W
1
2
10V, 0603
10V
0603
C5
1uF
C3
1uF
VCC
1
1
6.3V
0805
VFB
1
1
0603
D1
BZT52C5V1S
0603
C4
1uF
SD43-4R7M
R5 0.56
R1 0.56
U2
Si5902DC
8
7
2
6
5
3
4
1


Similar Part No. - SP6137LED

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6137 SIPEX-SP6137 Datasheet
142Kb / 13P
Wide Input, 900KHz Synchronous PWM Controller
logo
Exar Corporation
SP6137 EXAR-SP6137 Datasheet
733Kb / 15P
Wide Input, 900kHz Synchronous PWM Step Down Controller
SP6137CU-L EXAR-SP6137CU-L Datasheet
733Kb / 15P
Wide Input, 900kHz Synchronous PWM Step Down Controller
SP6137CU-L/TR EXAR-SP6137CU-L/TR Datasheet
733Kb / 15P
Wide Input, 900kHz Synchronous PWM Step Down Controller
logo
Sipex Corporation
SP6137EU SIPEX-SP6137EU Datasheet
142Kb / 13P
Wide Input, 900KHz Synchronous PWM Controller
More results

Similar Description - SP6137LED

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com