Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6137LED Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6137LED
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6137LED Datasheet(HTML) 4 Page - Sipex Corporation

  SP6137LED Datasheet HTML 1Page - Sipex Corporation SP6137LED Datasheet HTML 2Page - Sipex Corporation SP6137LED Datasheet HTML 3Page - Sipex Corporation SP6137LED Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
TABLE1: SP6137LEDEB LIST OF MATERIALS
SP6137 Buck for LumiLED List of Materials
Ref. Des.
Qty.
Manufacturer
Part Number
Layout Size
Component
Vendor
LxWxH
U1
1
Sipex Corp.
SP6137
MSOP-10
900kHz Dual Supply Synchronous Buck
Sipex 978-667-8700
U2
1
Vishay
Si5902DC
1206-8 ChipFET
Dual N-Channel 30V MOSFET
Vishay
C1, C5
2
TDK Corp
C2012X5R1C105K
805
1uF/16V/X5R/10% Ceramic
TDK 847-803-6100
C2
1
TDK Corp
C2012X5R0J106M
805
10uF/6.3V/X5R/ Ceramic
TDK 847-803-6100
C3, C4
2
TDK Corp
C1608X5R1A105K
603
1uF/10V/X5R/ Ceramic
TDK 847-803-6100
L1
1
Easy Magentic
SD43-4R7M
4X4.5X3.2
4.7uH 2.43A 0.1 Ohm SM Inductor
Easy Magnetic
D1
1
ON Semin
MBR0530
SOD-123
0.5A Schottky
800-388-8731
D2
1
Diodes Inc.
BZT52C5V1S
SOD-323
5.1V SMD zener diode
Diodes Inc.
D3
1
LumiLEDs
Open
LumiLEDs
R1, R5
2
Panasonic
1206
0.56 Ohm 1/4W 1% 1206 SM
800-Digi-Key
R3
1
Panasonic
1206
0.33 Ohm 1/4W 1% 1206 SM
800-Digi-Key
R2
1
Panasonic
603
24.3K Ohm 1/16W 1% 0603 SM
800-Digi-Key
R4
1
Panasonic
603
1K Ohm 1/16W 1% 0603 SM
800-Digi-Key
R6
1
Panasonic
1206
499 Ohm 1/4W 5% 1206 SM
800-Digi-Key
R7
1
Panasonic
603
5 Ohm 1/16W 1% 0603 SM
800-Digi-Key
J1
1
3-Pin Jumper
800-Digi-Key
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6137LEDEB............................. -40
°C to +85°C...................SP6137LED Evaluation Board
SP6137EU.....................................-40
°C to +85°C...................................... 10-pin µSOIC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com