Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6203 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6203
Description  Low Noise, 300mA and 500mA CMOS LDO Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6203 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6203 Datasheet HTML 1Page - Sipex Corporation SP6203 Datasheet HTML 2Page - Sipex Corporation SP6203 Datasheet HTML 3Page - Sipex Corporation SP6203 Datasheet HTML 4Page - Sipex Corporation SP6203 Datasheet HTML 5Page - Sipex Corporation SP6203 Datasheet HTML 6Page - Sipex Corporation SP6203 Datasheet HTML 7Page - Sipex Corporation SP6203 Datasheet HTML 8Page - Sipex Corporation SP6203 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Date: 05/25/04
SP6203/6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© Copyright 2004 Sipex Corporation
ELECTRICALCHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Supply Input Voltage (VIN) ...................................................... -2V to 6V
Output Voltage (VOUT) ................................................. -0.6V to VIN +1V
Enable Input Voltage (VEN) ..................................................... -2V to 6V
Power Dissipation (PD) ................................... Internally Limited, Note 1
Lead Temperature (soldering 5s) .............................................. +260°C
Storage Temperature .................................................. -65°C to +150°C
Junction Temperature ............................................................... +150°C
These are stress ratings only and functional operation of the device at these
ratings or any other above those indicated in the operation sections of the
specifications below is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
Unless otherwise specified: VIN=VOUT + 0.5V to 6V, COUT
= 2.2µF ceramic, CIN = 2.2µF, IOUT =100µA,
-40°C < T < 125°C. The ♦ denotes the specifications which apply over full operating temperature range -40°C to
+125°C, unless otherwise specified.
PARAMETER
MIN
TYP
MAX
UNITS
♦
CONDITIONS
Input Voltage
6
V
♦
Output Voltage Accuracy
-2
+2
%
♦
Variation from specified VOUT
Output Voltage
50
ppm/°C
∆VOUT/∆T
Temperature Coefficient, Note2
Reference Voltage
1.225
1.25
1.275
V
♦
Adjustable version only
Line Regulation
0.04
0.3
%/V
∆VOUT (VIN below 6V)
Load Regulation, Note 3
0.07
0.3
%
IOUT = 0.1mA to 300mA (SP6203)
0.13
0.5
IOUT = 0.1mA to 500mA (SP6205)
Dropout Voltage, Note 4
0.06
IOUT = 0.1mA
(For VOUT ≥ 3.0V)
60
IOUT = 100mA
120
mV
IOUT = 200mA
180
300
♦
IOUT = 300mA (SP6203)
300
500
♦
IOUT = 500mA (SP6205)
Ground Pin Current, Note 5
45
100
♦
IOUT = 0.1mA (IQUIESCENT)
110
IOUT = 100mA
175
µAIOUT = 200mA
235
330
♦
IOUT = 300mA (SP6203)
350
490
♦
IOUT = 500mA (SP6205)
Shutdown Supply Current
0.01
1
µA
♦
VEN < 0.4V (shutdown)
Current Limit
0.33
0.50
0.8
A
VOUT = 0V (SP6203)
0.55
0.85
1.4
VOUT = 0V (SP6205)
Thermal Shutdown Junction
170
°C
Regulator Turns off
Temperature
Thermal Shutdown Hysteresis
12
°C
Regulator turns on again at 158°C
Power Supply Rejection Ratio
67
dB
f ≤ 1kHz
Output Noise Voltage, Note 6
150
CBYP = 0nF, IOUT = 0.1mA
630
CBYP = 0nF, IOUT =300mA
12
µVRMS
CBYP = 10nF, IOUT = 0.1mA
50
75
CBYP = 10nF, IOUT = 300mA
Thermal Regulation, Note 7
0.05
%/W
∆VOUT/∆PD
Wake-Up Time (TWU), Note 8
25
50
µsVIN ≥ 4V, Note 10
(from shutdown mode)
IOUT = 30mA
Turn-On Time (TON), Note 9
60
120
µsVIN ≥ 4V, Note 10
(from shutdown mode)
IOUT = 30mA
Turn-Off Time (TOFF),
100
250
µsIOUT = 0.1mA, VIN ≥ 4V, Note 10
15
25
IOUT = 300mA, VIN ≥ 4V, Note 10
Output Discharge Resistance
30
Ω
No Load
Enable Input Logic Low Voltage
0.4
V
♦
Regulator Shutdown
Enable Input Logic High Voltage
1.6
V
♦
Regulator Enabled
Input Voltage (V
IN) ......................................................... +2.7V to +5.5V
Enable Input Voltage (V
EN) ...................................................... 0 to 5.5V
Junction Temperature (T
J) ........................................... -40°C to +125°C
Thermal Resistance, SOT-23-5 (θ
JA) ........................................... Note 1
Thermal Resistance, 8 Pin DFN (θ
JA) .......................................... Note 1
Remark: The device is not guaranteed to function outside its operating rating.
OPERATING RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com