Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6203 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6203
Description  Low Noise, 300mA and 500mA CMOS LDO Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6203 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6203 Datasheet HTML 1Page - Sipex Corporation SP6203 Datasheet HTML 2Page - Sipex Corporation SP6203 Datasheet HTML 3Page - Sipex Corporation SP6203 Datasheet HTML 4Page - Sipex Corporation SP6203 Datasheet HTML 5Page - Sipex Corporation SP6203 Datasheet HTML 6Page - Sipex Corporation SP6203 Datasheet HTML 7Page - Sipex Corporation SP6203 Datasheet HTML 8Page - Sipex Corporation SP6203 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Date: 05/25/04
SP6203/6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© Copyright 2004 Sipex Corporation
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
1VIN
Power Supply Input
2
GND
Ground Terminal
3EN
Enable/Shutdown (Logic high = enable, logic
low = shutdown)
4 (Fixed)
BYP
Reference bypass input for ultra-quiet operation.
Connecting a 10nF cap on this pin reduces
output noise.
4 (adj.)
ADJ
Adjustable (Input): Adjustable regulator feed-
back input. Connect to a resistive voltage-
divider network.
5VOUT
Regulator Output Voltage
5 PIN OPTION
VIN
GND
EN
VOUT
BYP
SIPEX
4
3
5
1
2
VIN
GND
EN
VOUT
ADJ
SIPEX
4
3
5
1
2
Fixed Voltage Regulator
Adjustable Voltage Regulator
PINOUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com