Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6203EM5-2.7/TR Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6203EM5-2.7/TR
Description  Low Noise, 300mA and 500mA CMOS LDO Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6203EM5-2.7/TR Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6203EM5-2.7/TR Datasheet HTML 4Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 5Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 6Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 7Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 8Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 9Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 10Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 11Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Date: 05/25/04
SP6203/6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© Copyright 2004 Sipex Corporation
General Overview
The SP6203/6205 is intended for applications
where very low dropout voltage, low supply
current and low output noise are critical, even
with high load conditions (500mA maximum).
Unlike bipolar regulators, the SP6203/6205
(CMOS LDO) supply current increases only
slightly with load current.
The SP6203/6205 contains an internal bandgap
reference which is fed into the inverting input of
the LDO-amplifier. The output voltage is then
set by means of a resistor divider and compared
to the bandgap reference voltage. The error
LDO-amplifier drives the gate of a P-channel
MOSFET pass device that has a RDS(ON) of 0.6Ω
at 500mA producing a 300mV drop at the out-
put.
Furthermore, the SP6203/6205 has its own cur-
rent limit circuitry (500mA/850mA) to ensure
that the output current will not damage the
device during output short, overload or start-up.
Also, the SP6203/6205 includes thermal shut-
down circuitry to turn off the device when the
junction temperature exceeds 170
°C and it re-
mains off until the temperature drops by 12
°C.
Enable/Shutdown Operation
The SP6203/6205 is turned off by pulling the
VEN pin below 0.4V and turned on by pulling it
above 1.6V.
If this enable/shutdown feature is not required,
it should be tied directly to the input supply
voltage to keep the regulator output on at all
time.
While in shutdown, VOUT quickly falls to zero
(turn-off time is dependent on load conditions
and output capacitance on VOUT) and power
consumption drops nearly to zero.
Input Capacitor
A small capacitor of 2.2
µF is required from VIN
to GND if a battery is used as the power
source. Any good quality electrolytic, ceramic
or tantalum capacitor may be used at the input.
Output Capacitor
An output capacitor is required between VOUT
and GND to prevent oscillation. A 2.2
µF output
capacitor is recommended.
Larger values make the chip more stable which
means an improvement of the regulator’s tran-
sient response. Also, when operating from other
sources than batteries, supply-noise rejection
can be improved by increasing the value of the
input and output capacitors and using passive
filtering techniques.
For a lower output current, a smaller output
capacitance can be chosen.
Finally, the output capacitor should have an
effective series resistance (ESR) of 0.5
Ω or less.
Therefore, the use of good quality ceramic or
tantalum capacitors is advised.
Bypass Capacitor
A bypass pin (BYP) is provided to decouple the
bandgap reference. A 10nF external capacitor
connected from BYP to GND reduces noise
present on the internal reference, which in turn
significantly reduces output noise and also im-
proves power supply rejection. Note that the
minimum value of COUT must be increased to
maintain stability when the bypass capacitor is
used because CBYP reduces the regulator phase
margin. If output noise is not a concern, this
input may be left unconnected. Larger capacitor
values may be used to further improve power
supply rejection, but result in a longer time
period (slower turn on) to settle output voltage
when power is initially applied.
No Load Stability
The SP6203/6205 will remain stable and in
regulation with no external load (other than the
internal voltage driver) unlike many other volt-
age regulators. This is especially important in
CMOS RAM battery back-up applications.
THEORY OF OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com