Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6203EM5-2.7/TR Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6203EM5-2.7/TR
Description  Low Noise, 300mA and 500mA CMOS LDO Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6203EM5-2.7/TR Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6203EM5-2.7/TR Datasheet HTML 6Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 7Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 8Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 9Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 10Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 11Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 12Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 13Page - Sipex Corporation SP6203EM5-2.7/TR Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Date: 05/25/04
SP6203/6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© Copyright 2004 Sipex Corporation
ORDERING INFORMATION
Part Number
Top Mark
Temperature Range
Package Type
SP6203EM5-2.5 ..................... L2WW ...................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203EM5-2.5/TR ............... L2WW ...................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203EM5-2.7 ..................... G2WW ...................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203EM5-2.7/TR ............... G2WW ...................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203EM5-2.8 ..................... Q3WW ...................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203EM5-2.8/TR ............... Q3WW ...................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203EM5-2.85 ................... H2WW ...................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203EM5-2.85/TR ............. H2WW ...................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203EM5-3.0 ..................... M2WW ..................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203EM5-3.0/TR ............... M2WW ..................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203EM5-3.3 ...................... J2WW ...................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203EM5-3.3/TR ................ J2WW ...................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203EM5-ADJ ................... Q2WW ...................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203EM5-ADJ/TR ............. Q2WW ...................... -40˚C to +125˚C .................... 5 Pin SOT-23
SP6203ER-2.5 .................. 620325YWW ................. -40˚C to +125˚C ......................... 8 Pin DFN
SP6203ER-2.5/TR ............ 620325YWW ................. -40˚C to +125˚C ......................... 8 Pin DFN
SP6203ER-2.7 .................. 620327YWW ................. -40˚C to +125˚C ......................... 8 Pin DFN
SP6203ER-2.7/TR ............ 620327YWW ................. -40˚C to +125˚C ......................... 8 Pin DFN
SP6203ER-2.8 .................. 620328YWW ................. -40˚C to +125˚C ......................... 8 Pin DFN
SP6203ER-2.8/TR ............ 620328YWW ................. -40˚C to +125˚C ......................... 8 Pin DFN
SP6203ER-2.85 ................ 620385YWW ................. -40˚C to +125˚C ......................... 8 Pin DFN
SP6203ER-2.85/TR .......... 620385YWW ................. -40˚C to +125˚C ......................... 8 Pin DFN
SP6203ER-3.0 .................. 620330YWW ................. -40˚C to +125˚C ......................... 8 Pin DFN
SP6203ER-3.0/TR ............ 620330YWW ................. -40˚C to +125˚C ......................... 8 Pin DFN
SP6203ER-3.3 .................. 620333YWW ................. -40˚C to +125˚C ......................... 8 Pin DFN
SP6203ER-3.3/TR ............ 620333YWW ................. -40˚C to +125˚C ......................... 8 Pin DFN
SP6203ER-ADJ ................ 6203ERYWW ................ -40˚C to +125˚C ......................... 8 Pin DFN
SP6203ER-ADJ/TR .......... 6203ERYWW ................ -40˚C to +125˚C ......................... 8 Pin DFN
ANALOG EXCELLENCE
Corporation
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
/TR = Tape and Reel
Pack quantity is 2,500 for SOT-23 and 3,000 for DFN.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP6205ER-ADJ/TR = standard; SP6205ER-L-ADJ/TR = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com