Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200EM5-2.7/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6200EM5-2.7/TR
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6200EM5-2.7/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6200EM5-2.7/TR Datasheet HTML 8Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 9Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 10Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 11Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 12Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 13Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 14Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 15Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
TYPICAL CHARACTERISTICS: Continued
27°C, VIN = 5.5V, IO = 0.1mA, CIN = COUT = 1µF unless otherwise specified.
Turn off time, Io=100mA, 4Vin
VOUT
VEN
SP6201 - 3.0Vout fixed
Ven is toggled, Vin = 4V
Iout = 100mA
Cin = Cout = 1uF Cer. Cap
3V
2V
2V
0V
0V
1V
4V
Turn off time, Io=100mA, 7Vin
VEN
VOUT
SP6201 - 3.0Vout fixed
Ven is toggled, Vin = 7V
Iout = 100mA
Cin = Cout = 1uF Cer. Cap
3V
2V
2V
0V
0V
1V
4V
Inrush Current, Io=100mA
SP6201 - 3.0Vout fixed, Vin=4V
Ven is toggled, Iout=100mA
Cin = Cout = 1uF Cer. Cap
VEN
VOUT
0V
2V
4V
0V
2V
0mA
250mA
500mA
750mA
650mA
Inrush Current, Io=100uA
SP6201 - 3.0Vout fixed, Vin=4V
Ven is toggled, Iout = 100uA
Cin = Cout = 1uF Cer. Cap
II
VOUT
VEN
0V
2V
4V
2V
0mA
250mA
500mA
0V
650mA
Load Transient Response, 100mA step, 4Vin
IOUT
VOUT
SP6201 - 3.0Vout fixed
Vin = 4V, Iout = 100mA
Cin = Cout = 1uF Cer. Cap
100uA
0mA
100mA
0mV
-40mV
-20mV
20mV
40mV
60mV
80mV
Tr = Tf = 100ns
Load Transient Response, 100mA step, 7Vin
IOUT
VOUT
SP6201 - 3.0Vout fixed
Vin = 7V , Iout = 100mA
Cin = Cout = 1uF Cer. Cap
100uA
0mA
100mA
0mV
20mV
-20mV
40mV
60mV
80mV
-40mV
Tr = Tf = 100ns
Load Transient Response, 200mA step, 4Vin
IOUT
VOUT
SP6201 - 3.0Vout fixed
Vin = 4V , Iout = 200mA
Cin = Cout = 1uF Cer. Cap
100uA
0mA
100mA
200mA
0mV
-50mV
50mV
100mV
150mV
200mV
Tr = Tf = 100ns
Load Transient Response, 300mA step, 4Vin
IOUT
VOUT
SP6201 - 3.0Vout fixed
Vin = 4V, Iout = 300mA
Cin = Cout = 1uF Cer. Cap
100uA
0mA
200mA
0mV
-50mV
50mV
100mV
150mV
200mV
Tr = Tf = 100ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com