Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200EM5-2.7/TR Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6200EM5-2.7/TR
Description  Micropower, 100mA and 200mA CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6200EM5-2.7/TR Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6200EM5-2.7/TR Datasheet HTML 9Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 10Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 11Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 12Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 13Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 14Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 15Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 16Page - Sipex Corporation SP6200EM5-2.7/TR Datasheet HTML 17Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Date:5/25/04
SP6200/6201 100/200mA CMOS LDO Regulator
© Copyright 2004 Sipex Corporation
IOUT = 10mA
COUT = 2.2µF
Frequency (HZ)
0
-20
-40
-60
-80
-100
10
100
1k
10k
100k
1M
10M
Power Supply Rejection Ratio
REF LEVEL
/DIV
0.000dB
10.000dB
START
10.000Hz
STOP 10 000 000.000Hz
IOUT = 1mA
COUT = 2.2µF
Frequency (HZ)
0
-20
-40
-60
-80
-100
10
100
1k
10k
100k
1M
10M
Power Supply Rejection Ratio
REF LEVEL
/DIV
0.000dB
10.000dB
START
10.000Hz
STOP 10 000 000.000Hz
Power Supply Rejection Ratio
IOUT = 100mA
COUT = 2.2µF
Frequency (HZ)
0
-20
-40
-60
-80
-100
10
100
1k
10k
100k
1M
10M
REF LEVEL
/DIV
0.000dB
10.000dB
START
10.000Hz
STOP 10 000 000.000Hz
TYPICAL CHARACTERISTICS: Continued
27°C, VIN = 5.5V, IO = 0.1mA, CIN = COUT = 1µF unless otherwise specified.
IOUT = 100µA
COUT = 1µF
VIN = 4V
VOUT = 3V
Frequency (HZ)
0
-20
-40
-60
-80
-100
10
100
1k
10k
100k
1M
10M
Power Supply Rejection Ratio
REF LEVEL
/DIV
0.000dB
10.000dB
START
10.000Hz
STOP 10 000 000.000Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com