Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6648 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6648
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6648 Datasheet HTML 8Page - Sipex Corporation SP6648 Datasheet HTML 9Page - Sipex Corporation SP6648 Datasheet HTML 10Page - Sipex Corporation SP6648 Datasheet HTML 11Page - Sipex Corporation SP6648 Datasheet HTML 12Page - Sipex Corporation SP6648 Datasheet HTML 13Page - Sipex Corporation SP6648 Datasheet HTML 14Page - Sipex Corporation SP6648 Datasheet HTML 15Page - Sipex Corporation SP6648 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Date: 7/19/04
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
Brightness Control
One approach to control LED brightness is to
apply a PWM signal to the SHDN input of the
SP6648. In this case, the output current will be
equal to the product of 350mA and the average
duty cycle at the SHDN pin. An optional 10K
potentiometer (R5) may also be used for dim-
ming the LED current by varying the potentiom-
eter between low brightness and full brightness.
APPLICATIONS INFORMATION
VOUT
VREF
VOUT
VREF
Plug in the LumiLED
Unplug the LumiLED
PINOUTS
SP6648
10 Pin DFN
10
9
8
7
6
1
2
3
4
5
VBATT
LBI
LBON
RLIM
SHDN
V
OUT
LX
P
GND
GND
FB
VBATT
LBI
LBON
RLIM
SHDN
SP6648
10 Pin MSOP
1
2
3
4
5
10
9
8
7
6
VOUT
LX
PGNDV
GND
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com