Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6648EU/TR Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6648EU/TR
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648EU/TR Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6648EU/TR Datasheet HTML 8Page - Sipex Corporation SP6648EU/TR Datasheet HTML 9Page - Sipex Corporation SP6648EU/TR Datasheet HTML 10Page - Sipex Corporation SP6648EU/TR Datasheet HTML 11Page - Sipex Corporation SP6648EU/TR Datasheet HTML 12Page - Sipex Corporation SP6648EU/TR Datasheet HTML 13Page - Sipex Corporation SP6648EU/TR Datasheet HTML 14Page - Sipex Corporation SP6648EU/TR Datasheet HTML 15Page - Sipex Corporation SP6648EU/TR Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Date: 7/19/04
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
APPLICATIONS INFORMATION
SP6648LEDEB Evaluation Board with
LumiLED High Brightness White LED
For the high brightness LumiLED white LED
application, the SP6648 is generally programmed
as a current source. The bias resistor Rb is used
to set the operating current of the white LED as
equation:
Rb = VREF/IF
where VREF is around 0.61V, IF is the operating
current of the LumiLED. To set the operating
current to be about 350mA, Rb is selected as 1.8 Ω
as shown in the following schematic. The effi-
ciency of the SP6648 LumiLED circuit is im-
proved by the use of a silicon diode D1 and
resistor R1 to set the voltage at the current sense
resistor R2 to 0.61V instead of the higher 1.25V
at the FB pin. An efficiency curve follows
showing the SP6648 efficiency driving 350mA
output current into the high brightness LumiLED.
As shown in following scope photos, if the
SP6648 is powered up before the LumiLED is
plugged in, the circuit will bring the Feedback
pin to 0V and the SP6648 has a feature to set the
output voltage to be 3.3V. Once the LumiLED is
plugged in, the Feedback pin will go up to 1.25V
and begin to regulate. The output voltage will go
from 3.3V to 3.68V (=VF+0.61V), where VF is
the forward voltage of the LumiLED. When the
LumiLED is open, the Feedback pin voltage
will go to 0V and the output voltage will go to
3.3V which will protect the part.
SP6648LEDEB Evaluation Board Schematic
SP6648LEDEB Efficiency Curve
60
65
70
75
80
85
90
95
100
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Battery Voltage (V)
SP6648
V
BATT
1
LBI
2
R
LIM
4
SHDN
5
FB
6
GND
7
P
GND
8
LBON
3
LX
9
V
OUT
10
R1
16.2k
D2
1W LED
D1 1N4148
Rb
1.8Ω
C1
10µF
C2
10µF
1.8-3.2V
R5
(R5 optional)
10K
VREF = 0.61V
Important:
1µF Ceramic Cap at VOUT Pin
needed for stable regulation
350mA
IOUT=0.61V/Rb
C4
1µF
L1 10µH
VBATT
RLIM
1.87K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com