Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6648EU/TR Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6648EU/TR
Description  Ultra-low Quiescent Current, High Efficiency Boost Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648EU/TR Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6648EU/TR Datasheet HTML 2Page - Sipex Corporation SP6648EU/TR Datasheet HTML 3Page - Sipex Corporation SP6648EU/TR Datasheet HTML 4Page - Sipex Corporation SP6648EU/TR Datasheet HTML 5Page - Sipex Corporation SP6648EU/TR Datasheet HTML 6Page - Sipex Corporation SP6648EU/TR Datasheet HTML 7Page - Sipex Corporation SP6648EU/TR Datasheet HTML 8Page - Sipex Corporation SP6648EU/TR Datasheet HTML 9Page - Sipex Corporation SP6648EU/TR Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Date: 7/19/04
SP6648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© Copyright 2004 Sipex Corporation
4.900
4.920
4.940
4.960
4.980
5.000
5.020
5.040
5.060
5.080
5.100
0
100
200
300
400
500
Iload (mA)
Vi=4.2V
Vi=3.2V
Vi=2.6V
Vi=2.0V
Vi=1.6V
Vi=1.0V
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
Vi=4.2V
Vi=3.2V
Vi=2.6V
Vi=2.0V
Vi=1.6V
Vi=1.0V
Efficiency vs. Current Load, V
OUT=5.0V
0
50
100
150
200
250
300
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Vin (V)
No Load Battery Current, V
OUT=3.3V
60
65
70
75
80
85
90
95
100
0.1
1.0
10.0
100.0
1000.0
Iload (mA)
Vi=3.0V
Vi=2.6V
Vi=2.0V
Vi=1.3V
Vi=1.0V
Efficiency vs. Load Current, V
OUT=3.3V
TYPICAL PERFORMANCE CHARACTERISTICS
Refer to the Typical Application Circuit on page 1, TAMB=+25°C.
3.200
3.220
3.240
3.260
3.280
3.300
3.320
3.340
3.360
3.380
3.400
0
100
200
300
400
500
ILOAD(mA)
Vi=3.0V
Vi=2.6V
Vi=2.0V
Vi=1.3V
Vi=1.0V
Line/Load Rejection vs. Load Current, V
OUT = 3.3V
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
Vin (V)
Line/Load Rejection vs. Load Current, V
OUT = 5.0V
No Load Battery Current, V
OUT=5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com