Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6648LED Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6648LED
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648LED Datasheet(HTML) 3 Page - Sipex Corporation

  SP6648LED Datasheet HTML 1Page - Sipex Corporation SP6648LED Datasheet HTML 2Page - Sipex Corporation SP6648LED Datasheet HTML 3Page - Sipex Corporation SP6648LED Datasheet HTML 4Page - Sipex Corporation SP6648LED Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5) Using the Rlim Function
The peak inductor current, IPEAK, is programmed externally by the RLIM resistor connected
between the RLIM pin and GND. The peak inductor current is defined by:
IPEAK = 1400/RLIM
The SP6648 datasheet specifications for RLIM give a range of 1.87K to 4K ohms. Using the IPEAK
equation above gives an IPEAK range of 350 to 750mA.
The saturation current specified for the inductor needs to be greater then the peak current to
avoid saturating the inductor, which would result in a loss in efficiency and could damage the
inductor. The SP6648 evaluation board uses a Rlim value of 1.87K for an Ipeak = 750mA to allow
the circuit to deliver up to 180mA for 1.3V input and 400mA for 2.6V input. Other values could
be selected using the above relationships.
6) Using the LBON - Low Battery Output Function
The SP6648 will regulate the output current until the input battery is completely discharged. To
provide an early low battery warning, the Low Battery Output function of the SP6648 switching
regulator can be used. LBON is programmed externally by the R1 and R2 resistor divider
connected between VIN, the LBI input pin and GND. When the LBI comparator falling threshold
of 0.61V is reached, D1 switches on, indicating low battery condition. Low battery detect trip
point can be calculated by the following formula:
2
2
1
LOWBAT
R
R
R
61
.
0
V
+
⋅
=
The SP6648 evaluation board R1 & R2 resistors have been set to trip for a falling battery
threshold of about 2.0V. Using this relationship, other low battery threshold values can be set
by the user.
7) Brightness Control
One approach to control LED brightness is to apply a PWM signal to the SHDN input of the
SP6648. In this case, the output current will be equal to the product of 350mA and the average
duty cycle at the SHDN pin. An additional 10K potentiometer (R5) may also be used for dimming
LED. LED current is varied by the potentiometer between almost zero and full 350mA.
POWER SUPPLY DATA
For the standard evaluation board, The efficiency curve is shown in the figure below.
60
65
70
75
80
85
90
95
100
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Battery Voltage (V)
Fig.3 Efficiency curve of the SP6648LED evaluation board



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com