Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6648LED Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6648LED
Description  Evaluation Board Manual
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6648LED Datasheet(HTML) 1 Page - Sipex Corporation

  SP6648LED Datasheet HTML 1Page - Sipex Corporation SP6648LED Datasheet HTML 2Page - Sipex Corporation SP6648LED Datasheet HTML 3Page - Sipex Corporation SP6648LED Datasheet HTML 4Page - Sipex Corporation SP6648LED Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DESCRIPTION AND BOARD SCHEMATIC
The SP6648LED Evaluation Board is designed to help the user evaluate the performance of
the SP6648 for use as a dual cell input to drive a 1W LumiLED. The evaluation board is a
completely assembled and tested surface mount board which provides easy probe access
points to all SP6648 inputs and outputs so that the user can quickly connect and measure
electrical characteristics and waveforms.
Easy evaluation for SP6648
performance of driving 1W
LumiLED.
Plug & Light ON
Self Protection
Programmable Inductor Peak
Current
High Efficiency: up to 94%
µSOIC Package & SMT
components for small, low profile
Power Supply
SP6648LED
Evaluation Board Manual
16K


Similar Part No. - SP6648LED

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6648 SIPEX-SP6648 Datasheet
262Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648 Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Exar Corporation
SP6648 EXAR-SP6648 Datasheet
261Kb / 16P
Ultra-low Quiescent Current
logo
Sipex Corporation
SP6648EB SIPEX-SP6648EB Datasheet
125Kb / 4P
Evaluation Board Manual
More results

Similar Description - SP6648LED

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com