Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6650 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP6650
Description  High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6650 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP6650 Datasheet HTML 4Page - Sipex Corporation SP6650 Datasheet HTML 5Page - Sipex Corporation SP6650 Datasheet HTML 6Page - Sipex Corporation SP6650 Datasheet HTML 7Page - Sipex Corporation SP6650 Datasheet HTML 8Page - Sipex Corporation SP6650 Datasheet HTML 9Page - Sipex Corporation SP6650 Datasheet HTML 10Page - Sipex Corporation SP6650 Datasheet HTML 11Page - Sipex Corporation SP6650 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Date: 5/25/04
SP6650 High Efficiency 600mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Efficiency vs. Output Current, V
OUT = 3.3V,
L1 = 22
µH (Sumida CDRH6D28), I
LIM = VIN
Figure 2. Line/Load Rejection, V
OUT = 3.3V, L1 = 22µH
(Sumida CDRH6D28), I
LIM = VIN
Figure 3. No Load Battery Current, V
OUT = 3.3V,
L1 = 22
µH (Sumida CDRH6D28), I
LIM = VIN
Figure 4. Efficiency vs. Output Current, V
OUT = 2.5V,
L1 = 22
µH (Sumida CDRH6D28), I
LIM = VIN
Figure 5. Line/Load Rejection, V
OUT = 2.5V,
L1 = 22
µH (Sumida CDRH6D28), I
LIM = VIN
Figure 6. No Load Battery Current, V
OUT = 2.5V,
L1 = 22
µH (Sumida CDRH6D28), I
LIM = VIN
0
3.320
3.330
3.340
3.350
3.360
3.370
3.380
ILOAD (mA)
100
200
300
400
500
600
VIN = 3.67V
VIN = 4.2V
VIN = 5.0V
VIN = 6.5V
0
20
40
60
80
100
120
140
160
180
200
3.0
4.0
5.0
6.0
7.0
VIN
100
65
70
75
80
85
90
95
1.0
10.0
100.0
600.0
Iload (mA)
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
VIN = 6.5V
VIN = 3.0V
0
2.445
2.455
2.465
2.475
2.485
2.495
Iload (mA)
100
200
300
400
500
600
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
VIN = 6.5V
VIN = 3.0V
0
20
40
60
80
100
120
140
160
180
200
3.0
4.0
5.0
6.0
7.0
VIN
100
65
70
75
80
85
90
95
1.0
10.0
100.0
600.0
Iload (mA)
VIN = 3.0V
VIN = 4.2V
VIN = 5.0V
VIN = 6.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com