Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6650 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6650
Description  High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6650 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6650 Datasheet HTML 1Page - Sipex Corporation SP6650 Datasheet HTML 2Page - Sipex Corporation SP6650 Datasheet HTML 3Page - Sipex Corporation SP6650 Datasheet HTML 4Page - Sipex Corporation SP6650 Datasheet HTML 5Page - Sipex Corporation SP6650 Datasheet HTML 6Page - Sipex Corporation SP6650 Datasheet HTML 7Page - Sipex Corporation SP6650 Datasheet HTML 8Page - Sipex Corporation SP6650 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Date: 5/25/04
SP6650 High Efficiency 600mA Synchronous Buck Regulator
© Copyright 2004 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
PV
IN, VIN. ........................................................... 7V
All other pins .............................. -0.3V to V
IN +0.3V
PV
IN, PGND, LX current .................................... 2A
Storage Temperature .................... -65°C to 150°C
Lead Temperature (Soldering 10sec) .......... 300°C
Specifications apply for -40°C to +85°C, V
OUT = 3.3V, VIN = 3.6V, ILIM = SHDN = VIN, FB = GND, L1 = 22µH, COUT = CIN = 47µF, unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
Input Voltage Operating
UVLO
6.5
V
Range
Undervoltage Lockout Threshold
2.6
2.7
2.8
V
VIN Rising
Undervoltage Lockout Hysteresis
120
mV
FB Set Voltage, VREF
1.23
1.25
1.27
V
VOUT tied to FB Pin
VREF Load Regulation
0.5
%
ILOAD = 0 to 600mA
VIN = 3.6V, VOUT = 3.3V
VREF Line Regulation
0.5
%
VIN = 3.6V to 6.5V
VOUT = 3.3V, ILOAD = 200mA
VREF Line and Load Regulation
0.65
%
VIN = 3.6V to 6.5V
ILOAD = 0 to 600mA
VOUT Accuracy
3.23
3.30
3.37
V
ILOAD = 100mA, VIN = 3.6V
VOUT Line and Load Regulation
3.17
3.30
3.43
V
VIN = 3.6V to 6.5V
ILOAD = 0 to 600mA
On-Time Constant - KON
2.7
µs*V
Minimum TON = KON/ (VIN-VOUT)
PMOS Switch Resistance
0.4
0.8
Ω
IPMOS = 200mA
NMOS Switch Resistance
0.3
0.8
Ω
INMOS = 200mA
VIN Pin Quiescent Current
70
150
µA
SHDN = VIN = FB = 1.5V
VIN Pin Shutdown Current
0.3
500
nA
SHDN = 0V
VOUT Pin Quiescent Current
7
12
µA
SHDN = VIN = FB = 1.5V
VOUT Pin Shutdown Current
0.1
500
nA
SHDN = 0V
Power Efficiency
92
%
ILOAD = 600mA
95
%
ILOAD = 100mA
88
%
ILOAD = 1mA
Minimum Guaranteed Load
600
700
mA
ILIM = VIN
Current
300
350
mA
ILIM = 0V
Inductor Current Limit
0.75
0.95
1.15
A
ILIM = VIN
0.40
0.50
0.60
A
ILIM = 0V
Inductor Current Limit
-100
ppm/°C
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com