Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6650EB Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6650EB
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6650EB Datasheet(HTML) 4 Page - Sipex Corporation

  SP6650EB Datasheet HTML 1Page - Sipex Corporation SP6650EB Datasheet HTML 2Page - Sipex Corporation SP6650EB Datasheet HTML 3Page - Sipex Corporation SP6650EB Datasheet HTML 4Page - Sipex Corporation SP6650EB Datasheet HTML 5Page - Sipex Corporation SP6650EB Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. 3/23/01
SP6650 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
4
TABLE 1: SP6650UEB LIST OF MATERIALS
Component
VOUT = 3.3V, Int FB
VOUT = 2.5V, Ext FB
VOUT = 1.25V, Ext FB
L1
22
µH,CDRH6D28
22
µH,CDRH6D28
22
µH,CDRH6D28
Sumida
Sumida
Sumida
CIN
47
µF, AVX TPSD
47
µF, AVX TPSD
47
µF, AVX TPSD
COUT
47
µF, AVX TPSD
47
µF, AVX TPSD
47
µF, AVX TPSD
RB
100k 5%
100k 5%
100k 5%
RVIN
10
Ω 5%
10
Ω 5%
10
Ω 5%
CVIN
1
µF ceramic
1
µF ceramic
1
µF ceramic
RI
100k 1%
100k 1%
100k 1%
RF
open
100k 1%
short
CF
open
470pF ceramic
open
U1
SP6650
SP6650
SP6650



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com