Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6650EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6650EB
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6650EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6650EB Datasheet HTML 1Page - Sipex Corporation SP6650EB Datasheet HTML 2Page - Sipex Corporation SP6650EB Datasheet HTML 3Page - Sipex Corporation SP6650EB Datasheet HTML 4Page - Sipex Corporation SP6650EB Datasheet HTML 5Page - Sipex Corporation SP6650EB Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 3/23/01
SP6650 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
1
DESCRIPTION
s High efficiency synchronous step-
down converter with up to 95%
efficiency
s Ideal for cellular telephones, wireless
modems, PDAs, digital cameras
s Programmable inductor peak current
limit, 2.7V-6.5V input voltage range
s MSOP package & SMT components
for small, low profile power supply
s Easy evaluation for different distrib-
uted power systems and battery-
powered portable equipment
SP6650 Evaluation
Board Manual
®
The SP6650 Evaluation Board is designed to help the user evaluate the performance of the
SP6650 for use as a single Li-Ion battery input to +5V output DC-DC Converter. The SP6650
operates from 2.7V to 6.5V input, with the highest efficiency in the range 3.0V to 4.2V where the
Li-Ion battery has the most energy. The SP6650UEB evaluation board is a complete power
supply circuit to provide ease of evaluation for the DC/DC Converter performance.
The evaluation board is a completely assembled and tested surface mount board which provides
easy probe access points to all SP6650 inputs and outputs so that the user can quickly connect
and measure electrical characteristics and waveforms.
The next two sections describe the SP6650 board layout and using the SP6650 evaluation
boards. A table of SP6650 pin assignments is also included with details on input/output pin
function. A SP6650 evaluation board list of materials table is provided with some manufacturers
part numbers to use as a reference. Finally, a schematic and drawings of the PC layout are
included as a design-in tool for the user of the SP6650.
BOARD SCHEMATIC AND LAYOUT
The SP6650 Evaluation Board has been designed for easy and convenient access to all Inputs
and Outputs of the SP6650 device under test. Position the board with the silkscreen lettering
upright, (also see the drawing on the front page of this manual) and you will see the SP6650
MSOP, labeled U1 in the center of the board, and surrounding it the capacitors CIN, CVIN, CF, COUT
and resistors forming the switched DC-DC Converter circuit.


Similar Part No. - SP6650EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6650EU SIPEX-SP6650EU Datasheet
256Kb / 17P
High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6650EU/TR SIPEX-SP6650EU/TR Datasheet
256Kb / 17P
High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
More results

Similar Description - SP6650EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com