Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6650EU Datasheet (PDF) - Sipex Corporation

SP6650EU Datasheet PDF - Sipex Corporation
Part # SP6650EU
Download  SP6650EU Download
File Size   256.32 Kbytes
Page   17 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery

SP6650EU Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6650EU Datasheet PDF - Sipex Corporation

Part # SP6650EU
Download  SP6650EU Click to download

File Size   256.32 Kbytes
Page   17 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery

SP6650EU Datasheet (HTML) - Sipex Corporation


SP6650EU Product details

DESCRIPTION
The SP6650 is ideal for portable applications that use a Li-Ion or 3 to 4 cell alkaline/NiCd/NiMH input. The SP6650 extends battery life with it’s unique control loop scheme (patent pending), which maintains high efficiency levels (> than 90%) over a wide range of output currents. Features such as Inductor peak current control, protects the power supply from overload or short circuit conditions, controls the startup current to prevent output overshoot and excessive battery drop, and gives the user more flexibility in choosing an appropriate coil to optimize solution cost, size and performance. Other features include a dedicated pin for manual shutdown, a battery low indicator, and thermal protection.

FEATURES
■ 95% High Efficiency
■ Proprietary Control Loop
■ 2.7V to 6.5V Input Voltage Range
■ 3.3V or Adjustable Output Voltage Range
■ 2% Output Voltage Accuracy
■ 600mA Output Current
■ 100% Duty Cycle Operation
■ Programmable Inductor Peak Current Limit (0.95A or 0.5A)
■ No External FETs Required
■ 3V Battery Low Indicator
■ 2.7V Undervoltage Lockout
■ Shutdown Control
■ Small 10-Pin MSOP

APPLICATIONS
■ PDA
■ CD Player
■ ADSL Modem
■ Digital Still Camera




Similar Part No. - SP6650EU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6650EU SIPEX-SP6650EU Datasheet
61Kb / 6P
Evaluation Board Manual
More results


Similar Description - SP6650EU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6651A SIPEX-SP6651A Datasheet
160Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6654 SIPEX-SP6654 Datasheet
203Kb / 16P
High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
TS2208A TSC-TS2208A Datasheet
107Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
600mA High Efficiency Synchronous Buck with 350mA LDO
logo
List of Unclassifed Man...
TS55001 ETC2-TS55001 Datasheet
1Mb / 22P
High Efficiency Li-Ion Battery Charger
logo
Billiton Ltd.
TP4059 ASIC-TP4059 Datasheet
813Kb / 12P
600mA Linear Li-Ion Battery Charger
TP4058 ASIC-TP4058 Datasheet
821Kb / 12P
600mA Linear Li-Ion Battery Charger
logo
Will Semiconductor Ltd.
WS4508E WILLSEMI-WS4508E Datasheet
456Kb / 11P
600mA, Single Li-ion Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com