Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBZ2240-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACDBZ2240-HF
Description  SMD Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBZ2240-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACDBZ2240-HF Datasheet HTML 1Page - Comchip Technology ACDBZ2240-HF Datasheet HTML 2Page - Comchip Technology ACDBZ2240-HF Datasheet HTML 3Page - Comchip Technology ACDBZ2240-HF Datasheet HTML 4Page - Comchip Technology ACDBZ2240-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Schottky Barrier Rectifiers
ACDBZ2240-HF
Company reserves the right to improve product design , functions and reliability without notice.
Maximum Ratings (at TA=25°C unless otherwise noted)
V
40
VRRM
°C
TJ
Operating junction temperature range
Peak
surge
forward
current (8.3ms single half sine-wave)
Parameter
Symbol
Rating
Unit
A
40
IFSM
A
2.0
IF(AV)
Average forward current
Repetitive peak reverse voltage
°C
TSTG
Storage temperature range
-55 to +150
Reverse Voltage: 40 Volts
Forward Current: 2.0 Amp
RoHS Device
Halogen free
Dimensions in inches and (millimeter)
Z2PAK
R 0.012(0.30)
0.083(2.10)
0.142(3.60)
0.126(3.20)
0.046(1.16)
0.034(0.86)
0.035(0.90)
0.020(0.50)
0.035(0.90)
0.020(0.50)
0.067(1.70)
0.002(0.05)
0.018(0.45)
0.016(0.41)
0.098(2.50)
0.083(2.10)
Features
- Low power loss, High efficiency.
- High current capability, low VF.
- Lead less chip form, no lead damage.
- Plastic package has UL 94V-0.
Mechanical data
- Case: Packed with FRP substrate and epoxy underfilled.
- Terminals: Pure Tin plated (Lead-Free), solderable per
MIL-STD-750, method 2026.
- Weight : 0.012 grams(approx.).
-55 to +125
2
1
Circuit Diagram
Page 1
REV:A
AQW-JB005
Comchip Technology CO., LTD.
- Comply with AEC-Q101


Similar Part No. - ACDBZ2240-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACDBZ0130L-HF COMCHIP-ACDBZ0130L-HF Datasheet
109Kb / 4P
Low VF Small Signal Schottky Diodes
ACDBZ0130R-HF COMCHIP-ACDBZ0130R-HF Datasheet
108Kb / 4P
Small Signal Schottky Diodes
ACDBZC0130L-HF COMCHIP-ACDBZC0130L-HF Datasheet
469Kb / 4P
Small Signal Schottky Diodes
REV:A
ACDBZC0130R-HF COMCHIP-ACDBZC0130R-HF Datasheet
469Kb / 4P
Small Signal Schottky Diodes
REV:A
More results

Similar Description - ACDBZ2240-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com