Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBZ2240-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACDBZ2240-HF
Description  SMD Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBZ2240-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACDBZ2240-HF Datasheet HTML 1Page - Comchip Technology ACDBZ2240-HF Datasheet HTML 2Page - Comchip Technology ACDBZ2240-HF Datasheet HTML 3Page - Comchip Technology ACDBZ2240-HF Datasheet HTML 4Page - Comchip Technology ACDBZ2240-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
mA
Parameter
Conditions
Min.
Typ.
Max.
Unit
VR = 4V, f = 1.0 MHz
Electrical Characteristics (at TA=25°C unless otherwise noted)
°C/W
Thermal resistance
Junction to ambient (Note 2)
155
IRRM
VF
Symbol
RθJA
V
VR = Max. VRRM , TA= 25°C
0.2
0.03
115
pF
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
Repetitive peak reverse current (Note 1)
IF = 0.5 A
Junction capacitance
CJ
(2) Mounted on P.C. board with 2.73*1.6mm & 0.86*1.6mm copper pad areas.
-
-
-
-
-
-
Forward voltage (Note 1)
Junction to lead (Note 2)
25
RθJL
-
-
0.43
-
Comchip Technology CO., LTD.
Page 2
SMD Schottky Barrier Rectifiers
Company reserves the right to improve product design , functions and reliability without notice.
IF = 1.0 A
IF = 2.0 A
0.47
0.36
-
0.50
-
-
REV:A
AQW-JB005



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com