Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS175 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS175
Description  Hex/Quad D Flip-Flops with Clear
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS175 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54LS175 Datasheet HTML 1Page - National Semiconductor (TI) 54LS175 Datasheet HTML 2Page - National Semiconductor (TI) 54LS175 Datasheet HTML 3Page - National Semiconductor (TI) 54LS175 Datasheet HTML 4Page - National Semiconductor (TI) 54LS175 Datasheet HTML 5Page - National Semiconductor (TI) 54LS175 Datasheet HTML 6Page - National Semiconductor (TI) 54LS175 Datasheet HTML 7Page - National Semiconductor (TI) 54LS175 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
’LS175 Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
DM54
25
34
V
Voltage
VIL e Max VIH e Min
DM74
27
34
VOL
Low Level Output
VCC e Min IOL e Max
DM54
025
04
Voltage
VIL e Max VIH e Min
DM74
035
05
V
IOL e 4 mA VCC e Min
DM74
025
04
II
Input Current Max
VCC e Max VI e 7V
01
mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 27V
20
m
A
IIL
Low Level Input
VCC e Max
Clock
b
04
Current
VI e 04V
Clear
b
04
mA
Data
b
036
IOS
Short Circuit
VCC e Max
DM54
b
20
b
100
mA
Output Current
(Note 2)
DM74
b
20
b
100
ICC
Supply Current
VCC e Max (Note 3)
11
18
mA
’LS175 Switching Characteristics
at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 2kX
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
30
25
MHz
tPLH
Propagation Delay Time
Clock to
30
32
ns
Low to High Level Output
Q or Q
tPHL
Propagation Delay Time
Clock to
30
36
ns
High to Low Level Output
Q or Q
tPLH
Propagation Delay Time
Clear to
25
29
ns
Low to High Level Output
Q
tPHL
Propagation Delay Time
Clear to
35
42
ns
High to Low Level Output
Q
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Note 3
With all outputs open and 45V applied to all data and clear inputs ICC is measured after a momentary ground then 45V applied to the clock input
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com