Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS175 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS175
Description  Hex/Quad D Flip-Flops with Clear
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS175 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54LS175 Datasheet HTML 1Page - National Semiconductor (TI) 54LS175 Datasheet HTML 2Page - National Semiconductor (TI) 54LS175 Datasheet HTML 3Page - National Semiconductor (TI) 54LS175 Datasheet HTML 4Page - National Semiconductor (TI) 54LS175 Datasheet HTML 5Page - National Semiconductor (TI) 54LS175 Datasheet HTML 6Page - National Semiconductor (TI) 54LS175 Datasheet HTML 7Page - National Semiconductor (TI) 54LS175 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF6404
June 1989
54LS174DM54LS174DM74LS174
54LS175DM54LS175DM74LS175
HexQuad D Flip-Flops with Clear
General Description
These positive-edge-triggered flip-flops utilize TTL circuitry
to implement D-type flip-flop logic All have a direct clear
input and the quad (175) versions feature complementary
outputs from each flip-flop
Information at the D inputs meeting the setup time require-
ments is transferred to the Q outputs on the positive-going
edge of the clock pulse Clock triggering occurs at a particu-
lar voltage level and is not directly related to the transition
time of the positive-going pulse When the clock input is at
either the high or low level the D input signal has no effect
at the output
Features
Y
LS174 contains six flip-flops with single-rail outputs
Y
LS175 contains four flip-flops with double-rail outputs
Y
Buffered clock and direct clear inputs
Y
Individual data input to each flip-flop
Y
Applications include
Bufferstorage registers
Shift registers
Pattern generators
Y
Typical clock frequency 40 MHz
Y
Typical power dissipation per flip-flop 14 mW
Y
Alternate
MilitaryAerospace
device
(54LS174
54LS175) is available Contact a National Semiconduc-
tor Sales OfficeDistributor for specifications
Connection Diagrams
Dual-In-Line Package
TLF6404 – 1
Order Number 54LS174DMQB 54LS174FMQB
54LS174LMQB DM54LS174J
DM54LS174W DM74LS174M or DM74LS174N
See NS Package Number E20A J16A
M16A N16E or W16A
Dual-In-Line Package
TLF6404 – 2
Order Number 54LS175DMQB 54LS175FMQB
54LS175LMQB DM54LS175J
DM54LS175W DM74LS175M or DM74LS175N
See NS Package Number E20A J16A
M16A N16E or W16A
Function Table (Each Flip-Flop)
Inputs
Outputs
Clear
Clock
D
Q
Q
LX
X
L
H
H
u
HH
L
H
u
LL
H
HL
X
Q0
Q0
H e High Level (steady state)
L e Low Level (steady state)
X e Don’t Care
u e Transition from low to high level
Q0 e The level of Q before the indicated steady-state input conditions were
established
e
LS175 only
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - 54LS175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54LS175 TI1-54LS175 Datasheet
424Kb / 10P
These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
54LS175DMQB TI1-54LS175DMQB Datasheet
424Kb / 10P
These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
54LS175FMQB TI1-54LS175FMQB Datasheet
424Kb / 10P
These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
54LS175LMQB TI1-54LS175LMQB Datasheet
424Kb / 10P
These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
More results

Similar Description - 54LS175

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54174 NSC-54174 Datasheet
150Kb / 8P
Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
Hex/Quad D-Type Flip-Flops with Clear
DM74LS174 FAIRCHILD-DM74LS174 Datasheet
73Kb / 7P
Hex/Quad D-Type Flip-Flops with Clear
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
Hex D-Type Flip-Flops with Clear
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
Hex D-type Flip-Flops (with Clear)
logo
Fairchild Semiconductor
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174_07 Datasheet
331Kb / 9P
Hex/Quad D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
HEX D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com