Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6660EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6660EB
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP6660EB Datasheet HTML 1Page - Sipex Corporation SP6660EB Datasheet HTML 2Page - Sipex Corporation SP6660EB Datasheet HTML 3Page - Sipex Corporation SP6660EB Datasheet HTML 4Page - Sipex Corporation SP6660EB Datasheet HTML 5Page - Sipex Corporation SP6660EB Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SP6660EB/06
SP6660 Evaluation Board Manual
© Copyright 2000 Sipex Corporation
1
The SP6660 Evaluation Board is designed with 2 complete SP6660 circuits on one board
to help the user evaluate the performance of the SP6660 in both Inverter and Doubler modes.
The evaluation board provides easy probe access points to all SP6660 Inputs and Outputs so
that the user can quickly connect and measure electrical characteristics and waveforms of the
Inverter or Doubler. The SP6660 Evaluation Board also provides a 3V to 5V 150mA DC to
DC Converter using the SP6660 Doubler Circuit and a 5V LDO Regulator.
The next two sections describe the SP6660 Board Layout and Using the SP6660 Evaluation
Boards. A table of SP6660 Pin Assignments is also included with details on Input/Output
pin function. An SP6660 Evaluation Board List of Materials table is provided with some
manufacturers part numbers to use as a reference. Finally, a schematic of the SP6660
Evaluation Board is included.
DESCRIPTION
s Easy Evaluation for the
SP6660 Inverter/Doubler
200mA Charge Pump
s Only 0.25 sq. in. of Board
Space needed for Inverter
or Doubler
s 3V to 5V Converter using
SP6660 Doubler and 5V
LDO Regulator
s Smallest Industry "660"
Pinout available with
µSOIC package
Approx. 2 X Full Scale
SP6660
Evaluation Board Manual
®


Similar Part No. - SP6660EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
284Kb / 22P
200mA Charge Pump Inverter or Doubler
SP6660EB SIPEX-SP6660EB Datasheet
284Kb / 22P
200mA Charge Pump Inverter or Doubler
logo
Exar Corporation
SP6660EB EXAR-SP6660EB Datasheet
273Kb / 22P
200mA Charge Pump Inverter or Doubler
More results

Similar Description - SP6660EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com