Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6660EB Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6660EB
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660EB Datasheet(HTML) 4 Page - Sipex Corporation

  SP6660EB Datasheet HTML 1Page - Sipex Corporation SP6660EB Datasheet HTML 2Page - Sipex Corporation SP6660EB Datasheet HTML 3Page - Sipex Corporation SP6660EB Datasheet HTML 4Page - Sipex Corporation SP6660EB Datasheet HTML 5Page - Sipex Corporation SP6660EB Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SP6660EB/06
SP6660 Evaluation Board Manual
© Copyright 2000 Sipex Corporation
4
Table of SP6660EB List of Materials
Ref. Des.
Part Number
Manufacturer
Component
Qty.
U1, 3
SP6660CU
Sipex Corp.
Inverter/Doubler
µSOIC
2
U2
LM2985AIM5-5.0
National Semi.
5V LDO Reg. SOT23-5
1
C1-3, 6-8
TPSD157M010R100
AVX Corp.
Tant. SM Low ESR 150
µF6
C4
1206-YG-475Z
AVX Corp.
Y5V Ceramic SM 4.7
µF1
C5
1206-3A-103K
AVX Corp.
NPO Ceramic SM 10nF
1
D1
MMBD701LT1
Motorola
Schottky Diode SOT23-3
1
R30
Vector
Socket Pins
14



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com