Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDQC5V0R-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDQC5V0R-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDQC5V0R-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDQC5V0R-HF Datasheet HTML 1Page - Comchip Technology ACPDQC5V0R-HF Datasheet HTML 2Page - Comchip Technology ACPDQC5V0R-HF Datasheet HTML 3Page - Comchip Technology ACPDQC5V0R-HF Datasheet HTML 4Page - Comchip Technology ACPDQC5V0R-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACPDQC5V0R-HF / ACPDUC5V0R-HF
SMD ESD Protection Diode
Page 1
AQW-G7005
REV:B
Features
Mechanical data
- Terminals: Matte tin plated, solderable per
MIL-STD-750,method 2026.
- Marking Code: E5R
- Mounting position: Any
Comchip Technology CO., LTD.
RoHS Device
Halogen Free
Company reserves the right to improve product design , functions and reliability without notice.
- Bi-directional ESD protection.
- Surface mount package.
- Operating voltage: 5V
- IEC 61000-4-2 (ESD) ; ±30KV(contact).
0603C/SOD-523F
0402C/SOD-923F
Package
CPDQC5V0R-HF
CPDUC5V0R-HF
Part Number
Table
Circuit Diagram
- Weight:
0402C: 0.001 grams(approx.).
0603C: 0.003 grams(approx.).
- Low clamping voltage.
- Low leakage current.
- High surge current.
- Comply with AEC-Q101
0.071(1.80)
0.063(1.60)
0.039(1.00)
0.031(0.80)
0.022(0.55)
0.018(0.45)
Dimensions in inches and (millimeter)
0.030(0.75)
0.022(0.55)
0603C/SOD-523F
0.001(0.02)Max.
0.016(0.40)
0.043(1.10)BSC
0.026(0.65)
ACPDQC5V0R-HF
Dimensions in inches and (millimeter)
0402C/SOD-923F
ACPDUC5V0R-HF
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
0.022(0.55)
0.018(0.45)
0.022(0.55)
0.012(0.30)
0.001(0.02)Max.
0.008(0.20)
0.026(0.65)BSC
0.018(0.45)


Similar Part No. - ACPDQC5V0R-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDQC5V0-HF COMCHIP-ACPDQC5V0-HF Datasheet
109Kb / 4P
SMD ESD Protection Diode
ACPDQC5V0A-HF COMCHIP-ACPDQC5V0A-HF Datasheet
480Kb / 4P
SMD ESD Protection Diode
REV:B
ACPDQC5V0AU-HF COMCHIP-ACPDQC5V0AU-HF Datasheet
490Kb / 4P
SMD ESD Protection Diode
REV:B
ACPDQC5V0C-HF COMCHIP-ACPDQC5V0C-HF Datasheet
102Kb / 4P
SMD ESD Protection Diode
ACPDQC5V0CHT-HF COMCHIP-ACPDQC5V0CHT-HF Datasheet
472Kb / 4P
SMD ESD Protection Diode
REV:B
More results

Similar Description - ACPDQC5V0R-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com