Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDQC5V0R-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACPDQC5V0R-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDQC5V0R-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACPDQC5V0R-HF Datasheet HTML 1Page - Comchip Technology ACPDQC5V0R-HF Datasheet HTML 2Page - Comchip Technology ACPDQC5V0R-HF Datasheet HTML 3Page - Comchip Technology ACPDQC5V0R-HF Datasheet HTML 4Page - Comchip Technology ACPDQC5V0R-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD ESD Protection Diode
Page 2
AQW-G7005
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Rating and
Curves
Characteristic
Fig. 4 - Power Rating Derating Curve
Ambient Temperature, ( °C )
20
40
60
80
100
Mounting on glass epoxy PCBs
Fig.2 - Typical Capacitance Between
Terminals Characteristics
Reverse Voltage, (V)
0
5
10
15
25
0
1
2
3
4
5
Fig.1 - Reverse Characteristics
Reverse Voltage, (%)
0
20
40
60
100
100n
1u
10u
10n
80
0
25
50
75
100
150
125
20
Electrical Characteristics (at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Junction capacitance
Conditions
Diode breakdown voltage
VBD
V
IR = 1mA
Reverse leakage current
IL
nA
30
CT
pF
VR =0V,f =1MHz
5.6
9.4
24
90
VR = 5V
ESD capability
kV
±30
Storage temperature
Operation temperature
+150
°C
TSTG
Tj
°C
+150
-40
ESD
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
Clamping Voltage
8
V
Vc
IPP = 11 A, tp=8/20us
IPP = 1 A, tp=8/20us
Vc
V
12
-40
-
5
-
-
-
-
-
-
-
-
-
-
Reverse stand-Off voltage
VRWM
5
V
-
-
Fig.3 - Clamping Voltage Vs.
Peak Pulse Current
Peak Pulse Current, (A)
0
16
14
12
10
8
6
4
2
0
2
4
6
8
10
12
Waveform
Parameters:
tr=8us
td=20us



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com