Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6660EP Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP6660EP
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660EP Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP6660EP Datasheet HTML 10Page - Sipex Corporation SP6660EP Datasheet HTML 11Page - Sipex Corporation SP6660EP Datasheet HTML 12Page - Sipex Corporation SP6660EP Datasheet HTML 13Page - Sipex Corporation SP6660EP Datasheet HTML 14Page - Sipex Corporation SP6660EP Datasheet HTML 15Page - Sipex Corporation SP6660EP Datasheet HTML 16Page - Sipex Corporation SP6660EP Datasheet HTML 17Page - Sipex Corporation SP6660EP Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
14
Oscillator Control
Refer to Figure 23 for a table of the four control
modes of the SP6660 internal oscillator
frequencies. In the first mode, FC and OSC are
open (unconnected) and the internal oscillator
typically runs at 10kHz. OSC is internally
connected to a 15pF capacitor.
In the second mode, FC is connected to V+. The
charge and discharge current at OSC changes
from 1.0
µA to 8.0µA, increasing the oscillator
frequency eight times to 80kHz.
In the third mode, the oscillator frequency is
lowered by connecting a capacitor between OSC
and GND. FC can still multiply the frequency
by eight times in this mode, but for a lower range
of frequencies. Refer to Figure 11 for these ranges.
In the fourth mode, any standard CMOS logic
output can be used to drive OSC. OSC may be
overdriven by an external oscillator that swings
between V
IN and GND. When OSC is overdriven,
FC has no effect.
Unlike the 7660 and 660 industry standards,
designers may overdrive the oscillator of the
SP6660 in both the inverting and the Voltage
Doubling Mode.
Figure 23. Four control modes for the SP6660
Oscillator Frequency
C
FC
S
O
r
o
t
a
l
l
i
c
s
O
y
c
n
e
u
q
e
r
Fy
c
n
e
u
q
e
r
F
y
c
n
e
u
q
e
r
F
y
c
n
e
u
q
e
r
Fy
c
n
e
u
q
e
r
F
n
e
p
on
e
p
ol
a
c
i
p
y
t
z
H
k
0
1
+
Vn
e
p
ol
a
c
i
p
y
t
z
H
k
0
8
+
V
r
o
n
e
p
o
l
a
n
r
e
t
x
e
r
o
t
i
c
a
p
a
c
o
t
r
e
f
e
r
1
1
e
r
u
g
i
F
n
e
p
o
l
a
n
r
e
t
x
e
k
c
o
l
c
k
c
o
l
c
l
a
n
r
e
t
x
e
y
c
n
e
u
q
e
r
f
Optimizing Loss Conditions
Losses in SP6660 applications can be anticipated
from the following:
1. Output Resistance:
V
LOSS
Ω = ILOAD x ROUT
where V
LOSS
Ω is the voltage drop due to the
SP6660 output resistance, I
LOAD is the load
current, and R
OUT is the SP6660 output resistance.
2. Charge Pump Capacitor ESR:
V
LOSSC1 ≈ 4 x ESRC1 x ILOAD
where V
LOSSC1 is the voltage drop due to the
charge pump capacitor, C1, ESR
C1 is the ESR of
C1, and I
LOAD is the load current. The loss in C1
is larger than the loss in the reservoir capacitor,
C2, because it handles a current almost four
times larger than the load current during charge-
pump operation. As a result of this, a change in
the capacitor ESR has a much greater impact on
the performance of the SP6660 for C1 than for C2.
3. Reservoir Capacitor ESR:
V
LOSSC2 = ESRC2 x ILOAD
where V
LOSSC2 is the voltage drop due to the
reservoir capacitor C2, ESR
C2 is the ESR of C2,
and I
LOAD is the load current.
Increasing the
capacitance of C2 and/or reducing its ESR
can reduce the output ripple that may be
caused by the charge pump. A designer can
filter high-frequency noise at the output
by implementing a low ESR capacitor at C2.
Generally, capacitors with larger capacitance
values and higher voltage ratings tend to
reduce ESR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com