Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6660EP Datasheet(PDF) 18 Page - Sipex Corporation

Part # SP6660EP
Description  200mA Charge Pump Inverter or Doubler
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660EP Datasheet(HTML) 18 Page - Sipex Corporation

Back Button SP6660EP Datasheet HTML 14Page - Sipex Corporation SP6660EP Datasheet HTML 15Page - Sipex Corporation SP6660EP Datasheet HTML 16Page - Sipex Corporation SP6660EP Datasheet HTML 17Page - Sipex Corporation SP6660EP Datasheet HTML 18Page - Sipex Corporation SP6660EP Datasheet HTML 19Page - Sipex Corporation SP6660EP Datasheet HTML 20Page - Sipex Corporation SP6660EP Datasheet HTML 21Page - Sipex Corporation SP6660EP Datasheet HTML 22Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
18
60
70
80
90
100
1
10
100
1000
Load Current (mA)
Vin = 3.0V
Vin = 3.3V
Vin = 3.6V
Figure 28. The SP6660 and a LDO Regulator Connected as a 3V Input to Regulated 5V Output Converter.
APPLICATIONS
The SP6660 Evaluation Board provides a 3V to
5V 160mA DC to DC Converter using the
SP6660 Doubler Circuit and a 5V LDO
Regulator.
V
IN
GND
CAP+
+
C3
150
µF
Tant.
C1
150
µF
Tant.
+
1
2
3
4
FC
CAP+
GND
CAP-
SP6660
8
7
6
5
V+
OSC
LV
OUT
DOUBLER
D1
C2
150
µF
Tant.
+
V
OUT
GND
FC
1
2
3
V
IN
GND
ON/OFF_N
LP2985
5
4
V
OUT
BYPASS
C5
10nF
Cer.
C4
4.7
µF
Cer.
+5
GND
Figure 29. Ripple and Noise output of the SP6660 and a
LDO Regulator with I
LOAD = 150mA
V
IN = 3.2V
V
OUT6660 = 5.53V
V
OUT LDO = 4.95V
I
LOAD = 150mA
5VLDO Ripple
Figure 30. Power Efficiency vs Input Voltage - SP6660
Doubler with 5V LDO
Figure 31. Power Efficiency vs Load Current - SP6660
Doubler with 5V LDO
g
60
70
80
90
100
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Input Voltage (V)
IL = 150mA
Figure 32. Ripple Voltage vs Input Voltage -
SP6660 Doubler with 5V LDO
SP6660 Ripple
0
50
100
150
200
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Input Voltage (V)
6660 Ripple
IL = 150mA
LDO Ripple
IL = 150mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com