Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDT-24V Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDT-24V
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDT-24V Datasheet(HTML) 1 Page - Comchip Technology

  ACPDT-24V Datasheet HTML 1Page - Comchip Technology ACPDT-24V Datasheet HTML 2Page - Comchip Technology ACPDT-24V Datasheet HTML 3Page - Comchip Technology ACPDT-24V Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
REV:A
Features
-Common anode ESD protection.
-IEC61000-4-2 Level 4 ESD protection.
-Surface mount package.
-High component density.
Mechanical data
-Case: SOT-23 Standard package,
molded plastic.
-Terminals: Tin plated, solderable per
MIL-STD-750, method 2026.
-Marking code:E24
-Mounting position: Any.
-Weight: 0.0078 gram(approx.).
AQW-BP001
Comchip Technology CO., LTD.
ACPDT-24V
Symbol
Typ
Parameter
Min
Max
Unit
Junction capacitance
Conditions
Diode breakdown voltage
VBD
V
IR = 1mA
Leakage current
IL
uA
CT
pF
VR =0V,f =1MHz
25
0.1
28
10
2.0
VR = 24V
Clamping voltage
ESD capability
kV
16
Peak pulse power
PPP
W
47
Storage temperature
Operation temperature
125
°C
TSTG
Tj
°C
150
-55
VC
V
IPP = 1A,TP=8/20us
47
TP=8/20us
ESD
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
8
SMD ESD Protection Diode
RoHS Device
Maximum Rating and Electrical Characteristics
(at TA=25°C unless otherwise noted)
Dimensions in inches and (millimeter)
SOT-23
3
1
2
0.119(3.00)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.020(0.50)
0.012(0.30)
0.006(0.15)
0.003(0.08)
0.100(2.55)
0.089(2.25)
0.004(0.10)
0.012(0.30)
0.020(0.50)
0.000(0.00)
Company reserves the right to improve product design , functions and reliability without notice.
-Comply with AEC-Q101.


Similar Part No. - ACPDT-24V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDT-24V-HF COMCHIP-ACPDT-24V-HF Datasheet
127Kb / 4P
SMD ESD Protection Diode
ACPDT-24V0HT-HF COMCHIP-ACPDT-24V0HT-HF Datasheet
465Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDT-24V0UCHT-HF COMCHIP-ACPDT-24V0UCHT-HF Datasheet
466Kb / 4P
SMD ESD Protection Diode
REV:A
ACPDT-24VE-HF COMCHIP-ACPDT-24VE-HF Datasheet
470Kb / 4P
SMD ESD Protection Diode
REV:B
More results

Similar Description - ACPDT-24V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com