Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDT-24V Datasheet(PDF) 2 Page - Comchip Technology

Part # ACPDT-24V
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDT-24V Datasheet(HTML) 2 Page - Comchip Technology

  ACPDT-24V Datasheet HTML 1Page - Comchip Technology ACPDT-24V Datasheet HTML 2Page - Comchip Technology ACPDT-24V Datasheet HTML 3Page - Comchip Technology ACPDT-24V Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (ACPDT-24V)
Page 2
REV:A
Comchip Technology CO., LTD.
SMD ESD Protection Diode
30
form acc. IEC 61000-4-5
wave
Fig. 1 - 8/20us Peak pulse current
25
Time, (us)
20
15
10
5
0%
20%
40%
60%
80%
100%
0
120%
40
terminals characteristics
Fig.3 - Capacitance between
30
Reverse voltage, (V)
20
10
0
0
3
6
9
15
Ambient temperature, ( °C )
Mounting on glass epoxy PCBs
0
20
40
60
80
100
120
25
50
75
100
150
0
125
Fig.4 - Power rating derating curve
Fig. 2 - Reverse characteristics
Reverse voltage (%)
0
20
40
60
100
100n
1u
10u
10n
80
Test Waveform
parameters
td=20us
tf=8us
Ta=25°C
-t
e
Peak Valur Ipp
Ipp/2
td= t
12
Company reserves the right to improve product design , functions and reliability without notice.
AQW-BP001



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com